Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX232EIN Datasheet(PDF) 8 Page - Texas Instruments |
|
|
MAX232EIN Datasheet(HTML) 8 Page - Texas Instruments |
8 / 16 page 1 µF 1 µF VS+ VS− 2 6 14 7 13 8 C1+ C1− C2+ C2− 1 3 4 5 11 10 12 9 GND 15 0 V VCC 16 5 V RS-232 Output RS-232 Output RS-232 Input RS-232 Input 1 µF 8.5 V −8.5 V 1 µF From CMOS or TTL To CMOS or TTL CBYPASS = 1 µF C1 C2 C3† C4 † C3 can be connected to VCC or GND. + + − MAX232E SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009 www.ti.com APPLICATION INFORMATION A. Resistor values shown are nominal. B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be connected as shown. In addition to the 1- μF capacitors shown, the MAX202E can operate with 0.1-μF capacitors. Figure 4. Typical Operating Circuit 8 Submit Documentation Feedback Copyright © 2006–2009, Texas Instruments Incorporated Product Folder Link(s): MAX232E |
Número de pieza similar - MAX232EIN |
|
Descripción similar - MAX232EIN |