Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G99DCTTE4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza SN74AUP1G99DCTTE4
Descripción Electrónicos  LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G99DCTTE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G99DCTTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G99DCTTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G99DCTTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G99DCTTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G99DCTTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G99DCTTE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G99DCTTE4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G99DCTTE4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G99DCTTE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74AUP1G99
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE
WITH 3-STATE OUTPUTS
SCES594C – JULY 2004 – REVISED DECEMBER 2007
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VI
Input voltage
0
3.6
V
Active state
0
VCC
VO
Output voltage
V
3-state
0
3.6
VCC = 0.8 V
–20
µA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65 V
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
µA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
8
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G99


Número de pieza similar - SN74AUP1G99DCTTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G99DCTT TI-SN74AUP1G99DCTT Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AUP1G99DCTTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
   Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com