Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC2T45DCUTE4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza SN74AVC2T45DCUTE4
Descripción Electrónicos  DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T45DCUTE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AVC2T45DCUTE4 Datasheet HTML 4Page - Texas Instruments SN74AVC2T45DCUTE4 Datasheet HTML 5Page - Texas Instruments SN74AVC2T45DCUTE4 Datasheet HTML 6Page - Texas Instruments SN74AVC2T45DCUTE4 Datasheet HTML 7Page - Texas Instruments SN74AVC2T45DCUTE4 Datasheet HTML 8Page - Texas Instruments SN74AVC2T45DCUTE4 Datasheet HTML 9Page - Texas Instruments SN74AVC2T45DCUTE4 Datasheet HTML 10Page - Texas Instruments SN74AVC2T45DCUTE4 Datasheet HTML 11Page - Texas Instruments SN74AVC2T45DCUTE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74AVC2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES531J – DECEMBER 2003 – REVISED JUNE 2007
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.5
0.3
4.7
0.2
3.8
0.2
2.8
0.2
2.4
A
B
ns
tPHL
2.5
0.3
4.7
0.2
3.8
0.2
2.8
0.2
2.4
tPLH
2.1
0.6
3.6
0.4
3.1
0.3
2.6
0.3
2.4
B
A
ns
tPHL
2.1
0.6
3.6
0.4
3.1
0.3
2.6
0.3
2.4
tPHZ
2.9
1.1
8
1
6.5
1.3
4.7
1.2
4
DIR
A
ns
tPLZ
2.9
1.1
8
1
6.5
1.3
4.7
1.2
4
tPHZ
3.4
0.5
6.6
0.3
5.6
0.3
4.6
1.1
4.2
DIR
B
ns
tPLZ
3.4
0.5
6.6
0.3
5.6
0.3
4.6
1.1
4.2
tPZH
(1)
5.5
10.2
8.7
7.2
6.6
DIR
A
ns
tPZL
(1)
5.5
10.2
8.7
7.2
6.6
tPZH
(1)
5.4
12.7
10.3
7.5
6.4
DIR
B
ns
tPZL
(1)
5.4
12.7
10.3
7.5
6.4
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
TA = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
A-port input,
3
3
3
3
4
CL = 0,
B-port output
CpdA
(1)
f = 10 MHz,
pF
B-port input,
tr = tf = 1 ns
12
13
13
14
15
A-port output
A-port input,
12
13
13
14
15
CL = 0,
B-port output
CpdB
(1)
f = 10 MHz,
pF
B-port input,
tr = tf = 1 ns
3
3
3
3
4
A-port output
(1)
Power-dissipation capacitance per transceiver
8
Submit Documentation Feedback


Número de pieza similar - SN74AVC2T45DCUTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC2T45DCUTE4 TI-SN74AVC2T45DCUTE4 Datasheet
376Kb / 21P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC2T45DCUTE4 TI-SN74AVC2T45DCUTE4 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45DCUTE4 TI1-SN74AVC2T45DCUTE4 Datasheet
981Kb / 29P
[Old version datasheet]   2-Supply, Bus Transceiver
More results

Descripción similar - SN74AVC2T45DCUTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC4T245 TI1-SN74AVC4T245_17 Datasheet
1Mb / 35P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245 TI1-SN74AVC4T245_18 Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com