Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVCA406E Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza SN74AVCA406E
Descripción Electrónicos  MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406E Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AVCA406E_09 Datasheet HTML 7Page - Texas Instruments SN74AVCA406E_09 Datasheet HTML 8Page - Texas Instruments SN74AVCA406E_09 Datasheet HTML 9Page - Texas Instruments SN74AVCA406E_09 Datasheet HTML 10Page - Texas Instruments SN74AVCA406E_09 Datasheet HTML 11Page - Texas Instruments SN74AVCA406E_09 Datasheet HTML 12Page - Texas Instruments SN74AVCA406E_09 Datasheet HTML 13Page - Texas Instruments SN74AVCA406E_09 Datasheet HTML 14Page - Texas Instruments SN74AVCA406E_09 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74AVCA406E
www.ti.com..................................................................................................................................................... SCES659E – OCTOBER 2007 – REVISED JUNE 2009
VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range (see Figure 6)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
0.7
5.8
0.6
4.9
0.5
4.7
0.5
4.7
B
A
0.7
4.9
0.7
4.5
0.2
5.2
0.2
5.2
CLKB
0.9
5.8
0.6
4.9
0.6
4.7
0.6
4.7
tpd
CLKA
ns
CLK-f
0.9
11
0.9
9.2
0.8
8.8
0.8
8.8
CMDA
CMDB
0.7
4.3
0.5
4.1
0.5
3.4
0.5
3.4
CMDB
CMDA
0.7
4.6
0.8
4.2
0.1
5
0.1
5
ten
(1)
DIR
A
0.7
7.2
0.7
6.6
0.7
7.8
0.7
7.8
ns
tdis
(1)
DIR
A
1.0
7.9
1
7.7
1
8.2
1
8.2
ns
(1)
DIR refers to CMD-dir, DAT0-dir, and DAT123-dir.
VCCA = 2.5 V ± 0.2 V
over recommended operating free-air temperature range(see Figure 6)
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
A
B
0.5
4.3
0.4
4.1
0.4
4.1
B
A
0.5
3.5
0.2
3.7
0.2
3.7
CLKB
0.5
4.3
0.4
4.1
0.4
4.1
tpd
CLKA
ns
CLK-f
0.4
7.8
0.3
7.3
0.3
7.3
CMDA
CMDB
0.3
3
0.3
2.7
0.3
2.7
CMDB
CMDA
0.7
3
0.2
3.4
0.2
3.4
ten
(1)
DIR
A
0.5
5.1
0.5
5.6
0.5
5.6
ns
tdis
(1)
DIR
A
0.7
5.7
0.7
6.7
0.7
6.7
ns
(1)
DIR refers to CMD-dir, DAT0-dir, and DAT123-dir.
VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (see Figure 6)
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
A
B
0.3
3.8
0.3
3.8
B
A
0.3
3
0.3
3
CLKB
0.3
3.8
0.3
3.8
tpd
CLKA
ns
CLK-f
0.1
6.7
0.1
6.7
CMDA
CMDB
0.2
2.5
0.2
2.5
CMDB
CMDA
0.4
2.6
0.4
2.6
ten
(1)
DIR
A
0.3
4.5
0.3
4.5
ns
tdis
(1)
DIR
A
0.9
7.9
0.9
7.9
ns
(1)
DIR refers to CMD-dir, DAT0-dir, and DAT123-dir.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN74AVCA406E


Número de pieza similar - SN74AVCA406E_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results

Descripción similar - SN74AVCA406E_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
[Old version datasheet]   SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com