Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVCA406EZXYR Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74AVCA406EZXYR
Descripción Electrónicos  MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406EZXYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVCA406EZXYR Datasheet HTML 2Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 3Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 4Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 5Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 6Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 7Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 8Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 9Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Card
R1
R2
R3
R4
R5
R6
R7
R9 R10 R11 R12
V
CCB
GND
GND
CLKB
CMDB
DAT0B
DAT1B
DAT2B
DAT3B
V
CCA
R
CD
R
WP
WP
CD
Resistors
R
,R
WP
CD
Tolerance
100k
±30%
SN74AVCA406E
SCES659E – OCTOBER 2007 – REVISED JUNE 2009..................................................................................................................................................... www.ti.com
BLOCK DIAGRAM
Figure 3. ASIP Block Diagram
RESISTORS
BIDIRECTIONAL ZENER DIODES
Vbr min.
14 V at 1 mA
R1, R2, R3, R4, R5, R6 40
Line capacitance
<20 pF
Tolerance
±20%
R10, R11, R12
70 k
R9
15 k
R7
470 k
Tolerance
±30%
Figure 4. WP, CD Pullup Resistors (for ZQS Package Only)
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AVCA406E


Número de pieza similar - SN74AVCA406EZXYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCA406EZXYR TI-SN74AVCA406EZXYR Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406EZXYR TI-SN74AVCA406EZXYR Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results

Descripción similar - SN74AVCA406EZXYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
[Old version datasheet]   SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com