Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVCAH164245 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74AVCAH164245
Descripción Electrónicos  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCAH164245 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVCAH164245_09 Datasheet HTML 2Page - Texas Instruments SN74AVCAH164245_09 Datasheet HTML 3Page - Texas Instruments SN74AVCAH164245_09 Datasheet HTML 4Page - Texas Instruments SN74AVCAH164245_09 Datasheet HTML 5Page - Texas Instruments SN74AVCAH164245_09 Datasheet HTML 6Page - Texas Instruments SN74AVCAH164245_09 Datasheet HTML 7Page - Texas Instruments SN74AVCAH164245_09 Datasheet HTML 8Page - Texas Instruments SN74AVCAH164245_09 Datasheet HTML 9Page - Texas Instruments SN74AVCAH164245_09 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Electrical Characteristics
(1) (2)
SN74AVCAH164245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES396A – JULY 2002 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN TYP(3)
MAX
UNIT
IOH = –100 µA,
VI = VIH
1.4 V to 3.6 V
1.4 V to 3.6 V
VCCO – 0.2 V
IOH = –2 mA,
VI = VIH
1.4 V
1.4 V
1.05
VOH
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
V
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.75
IOH = –12 mA,
VI = VIH
3 V
3 V
2.3
IOH = 100 µA,
VI = VIL
1.4 V to 3.6 V
1.4 V to 3.6 V
0.2
IOH = 2 mA,
VI = VIL
1.4 V
1.4 V
0.35
VOL
IOH = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
V
IOH = 8 mA,
VI = VIL
2.3 V
2.3 V
0.55
IOH = 12 mA,
VI = VIL
3 V
3 V
0.7
II
Control inputs
VI = VCCA or GND
1.4 V to 3.6 V
3.6 V
±2.5
µA
VI = 0.49 V
1.4 V
1.4 V
11
VI = 0.57 V
1.65 V
1.65 V
30
IBHL(4)
µA
VI = 0.7 V
2.3 V
2.3 V
45
VI = 0.8 V
3 V
3 V
75
VI = 0.91 V
1.4 V
1.4 V
–11
VI = 1.07 V
1.65 V
1.65 V
–30
IBHH(5)
µA
VI = 1.7 V
2.3 V
2.3 V
–45
VI = 2 V
3 V
3 V
–75
1.6 V
1.6 V
100
1.95 V
1.95 V
200
IBHLO(6)
VI = 0 to VCC
µA
2.7 V
2.7 V
300
3.6 V
3.6 V
525
1.6 V
1.6 V
–100
1.95 V
1.95 V
–200
IBHHO(7)
VI = 0 to VCC
µA
2.7 V
2.7 V
–300
3.6 V
3.6 V
–525
A port
0 V
0 to 3.6 V
±10
Ioff
VI or VO = 0 to 3.6 V
µA
B port
0 to 3.6 V
0 V
±10
A or B ports
OE = VIH
3.6 V
3.6 V
±12.5
VO = VCCO or GND,
IOZ(8) B port
0 V
3.6 V
±12.5
µA
VI = VCCI or GND
OE = don't care
A port
3.6 V
0 V
±12.5
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
All typical values are at TA = 25°C.
(4)
The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND
and then raising it to VIL max.
(5)
The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to
VCC and then lowering it to VIH min.
(6)
An external driver must source at least IBHLO to switch this node from low to high.
(7)
An external driver must sink at least IBHHO to switch this node from high to low.
(8)
For I/O ports, the parameter IOZ includes the input leakage current.
6


Número de pieza similar - SN74AVCAH164245_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Descripción similar - SN74AVCAH164245_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com