Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB350 Datasheet(PDF) 1 Page - Gulf Semiconductor

No. de pieza SB350
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GULFSEMI [Gulf Semiconductor]
Página de inicio  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB350 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SB350 Datasheet HTML 1Page - Gulf Semiconductor SB350 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB320 THRU SB360
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 20 TO 60V
CURRENT: 3.0A
FEATURE
DO-201AD
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB
320
SB
330
SB
340
SB
350
SB
360
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
20
30
40
50
60
V
Maximum RMS Voltage
Vrms
14
21
28
35
42
V
Maximum DC blocking Voltage
Vdc
20
30
40
50
60
V
Maximum Average Forward Rectified
Current 3/8" lead length
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
100
A
Maximum Forward Voltage at 3.0A DC
Vf
0.50
0.74
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =100°C
Ir
0.5
mA
mA
20.0
10.0
Typical Junction Capacitance
(Note 1)
Cj
220.0
pF
Typical Thermal Resistance
(Note 2)
R(ja)
30.0
°C /W
Storage and Operating Junction Temperature
Tj
-65 to +125
-65 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.5" lead length, vertical P.C. Board Mounted 1
1 Rev.A5
www.gulfsemi.com


Número de pieza similar - SB350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
SB350 DIOTEC-SB350 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Pan Jit International I...
SB350 PANJIT-SB350 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
DONGGUAN YOU FENG WEI E...
SB350 YFWDIODE-SB350 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Semikron International
SB350 SEMIKRON-SB350 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Sirectifier Global Corp...
SB350 SIRECT-SB350 Datasheet
213Kb / 2P
   Power Schottky Rectifier - 3Amp 20~100Volt
More results

Descripción similar - SB350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gulf Semiconductor
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
SB360Q GULFSEMI-SB360Q Datasheet
100Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB36L-A GULFSEMI-SB36L-A Datasheet
183Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB1020 GULFSEMI-SB1020 Datasheet
432Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
SB520 GULFSEMI-SB520 Datasheet
90Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
SB820 GULFSEMI-SB820 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 8.0A
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com