Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA6424 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TCA6424
Descripción Electrónicos  LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCA6424 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA6424_10 Datasheet HTML 4Page - Texas Instruments TCA6424_10 Datasheet HTML 5Page - Texas Instruments TCA6424_10 Datasheet HTML 6Page - Texas Instruments TCA6424_10 Datasheet HTML 7Page - Texas Instruments TCA6424_10 Datasheet HTML 8Page - Texas Instruments TCA6424_10 Datasheet HTML 9Page - Texas Instruments TCA6424_10 Datasheet HTML 10Page - Texas Instruments TCA6424_10 Datasheet HTML 11Page - Texas Instruments TCA6424_10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TCA6424
SCPS175A – NOVEMBER 2007 – REVISED NOVEMBER 2009
www.ti.com
Table 5. Command Byte
CONTROL REGISTER BITS
AUTO-
COMMAND
POWER-UP
INCREMENT
BYTE
REGISTER
PROTOCOL
DEFAULT
AI
B6
B5
B4
B3
B2
B1
B0
STATE
(HEX)
0
0
0
0
0
0
0
0
Disable
00
Input Port 0
Read byte
xxxx xxxx(1)
1
0
0
0
0
0
0
0
Enable
80
0
0
0
0
0
0
0
1
Disable
01
Input Port 1
Read byte
xxxx xxxx(1)
1
0
0
0
0
0
0
1
Enable
81
0
0
0
0
0
0
1
0
Disable
02
Input Port 2
Read byte
xxxx xxxx(1)
1
0
0
0
0
0
1
0
Enable
82
0
0
0
0
0
0
1
1
Disable
03
Reserved
Reserved
Reserved
1
0
0
0
0
0
1
1
Enable
83
0
0
0
0
0
1
0
0
Disable
04
Read/write
Output Port 0
1111 1111
byte
1
0
0
0
0
1
0
0
Enable
84
0
0
0
0
0
1
0
1
Disable
05
Read/write
Output Port 1
1111 1111
byte
1
0
0
0
0
1
0
1
Enable
85
0
0
0
0
0
1
1
0
Disable
06
Read/write
Output Port 2
1111 1111
byte
1
0
0
0
0
1
1
0
Enable
86
0
0
0
0
0
1
1
1
Disable
07
Reserved
Reserved
Reserved
1
0
0
0
0
1
1
1
Enable
87
0
0
0
0
1
0
0
0
Disable
08
Polarity Inversion
Read/write
0000 0000
Port 0
byte
1
0
0
0
1
0
0
0
Enable
88
0
0
0
0
1
0
0
1
Disable
09
Polarity Inversion
Read/write
0000 0000
Port 1
byte
1
0
0
0
1
0
0
1
Enable
89
0
0
0
0
1
0
1
0
Disable
0A
Polarity Inversion
Read/write
0000 0000
Port 2
byte
1
0
0
0
1
0
1
0
Enable
8A
0
0
0
0
1
0
1
1
Disable
0B
Reserved
Reserved
Reserved
1
0
0
0
1
0
1
1
Enable
8B
0
0
0
0
1
1
0
0
Disable
0C
Read/write
Configuration Port 0
1111 1111
byte
1
0
0
0
1
1
0
0
Enable
8C
0
0
0
0
1
1
0
1
Disable
0D
Read/write
Configuration Port 1
1111 1111
byte
1
0
0
0
1
1
0
1
Enable
8D
0
0
0
0
1
1
1
0
Disable
0E
Read/write
Configuration Port 2
1111 1111
byte
1
0
0
0
1
1
1
0
Enable
8E
0
0
0
0
1
1
1
1
Disable
0F
Reserved
Reserved
Reserved
1
0
0
0
1
1
1
1
Enable
8F
(1)
Undefined
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TCA6424


Número de pieza similar - TCA6424_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424ARGJR TI-TCA6424ARGJR Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424ARSMR TI-TCA6424ARSMR Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424RGJR TI-TCA6424RGJR Datasheet
728Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Descripción similar - TCA6424_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424 Datasheet
728Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com