Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC59208F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC59208F
Descripción Electrónicos  8-BIT FM I2C BUS LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC59208F Datasheet(HTML) 2 Page - Texas Instruments

  TLC59208F Datasheet HTML 1Page - Texas Instruments TLC59208F Datasheet HTML 2Page - Texas Instruments TLC59208F Datasheet HTML 3Page - Texas Instruments TLC59208F Datasheet HTML 4Page - Texas Instruments TLC59208F Datasheet HTML 5Page - Texas Instruments TLC59208F Datasheet HTML 6Page - Texas Instruments TLC59208F Datasheet HTML 7Page - Texas Instruments TLC59208F Datasheet HTML 8Page - Texas Instruments TLC59208F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
V
CC
SDA
SCL
RESET
OUT7
OUT6
OUT5
OUT4
A0
A1
A2
OUT0
OUT1
GND
OUT2
OUT3
1
16
2
15
3
14
4
13
5
12
6
11
7
10
SDA
SCL
RESET
OUT7
OUT6
OUT5
V
CC
A0
A1
A2
OUT1
OUT0
OUT3
OUT2
8
9
OUT4
GND
DESCRIPTION
TLC59208F
SCLS715 – MARCH 2009 .................................................................................................................................................................................................. www.ti.com
PW PACKAGE
RGY PACKAGE
(TOP VIEW)
(TOP VIEW)
The TLC59208F is an I2C bus controlled 8-bit LED driver optimized for red/green/blue/amber (RGBA) color
mixing applications. Each LED output has its own 8-bit resolution (256 steps) fixed frequency individual PWM
controller that operates at 97 kHz with a duty cycle that is adjustable from 0% to 99.6% to allow the LED to be
set to a specific brightness value. An additional 8-bit resolution (256 steps) group PWM controller has both a
fixed frequency of 190 Hz and an adjustable frequency between 24 Hz to once every 10.73 seconds with a duty
cycle that is adjustable from 0% to 99.6% that is used to either dim or blink all LEDs with the same value.
Each LED output can be off, on (no PWM control), set at its individual PWM controller value or at both individual
and group PWM controller values. The TLC59208F operates with a supply voltage range of 3 V to 5.5 V and the
outputs are 17 V tolerant. LEDs can be directly connected to the TLC59208F device outputs.
Software programmable LED Group and three Sub Call I2C bus addresses allow all or defined groups of
TLC59208F devices to respond to a common I2C bus address, allowing for example, all the same color LEDs to
be turned on or off at the same time or marquee chasing effect, thus minimizing I2C bus commands.
Three hardware address pins allow up to 64 devices on the same bus (see Table 1).
The software reset (SWRST) Call allows the master to perform a reset of the TLC59208F through the I2C bus,
identical to the power-on reset (POR) that initializes the registers to their default state causing the outputs to be
set high (LED off). This allows an easy and quick way to reconfigure all device registers to the same condition.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 2500
TLC59208FIRGYR
Y59208F
–40°C to 85°C
TSSOP – PW
Reel of 2000
TLC59208FIPWR
Y59208F
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59208F


Número de pieza similar - TLC59208F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit Fm I2C Bus LED Driver
TLC59208FIPWR TI-TLC59208FIPWR Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208FIRGYR TI-TLC59208FIRGYR Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results

Descripción similar - TLC59208F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634PW,112 NXP-PCA9634PW,112 Datasheet
211Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
logo
Texas Instruments
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit Fm I2C Bus LED Driver
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com