Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AHC00 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74AHC00 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 22 page SN54AHC00, SN74AHC00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES SCLS227I − OCTOBER 1995 − REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Range 2-V to 5.5-V V CC D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 − 2000-V Human-Body Model (A114-A) − 200-V Machine Model (A115-A) − 1000-V Charged-Device Model (C101) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y SN54AHC00 ...J OR W PACKAGE SN74AHC00 ...D, DB, DGV, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B SN54AHC00 . . . FK PACKAGE (TOP VIEW) NC − No internal connection SN74AHC00 . . . RGY PACKAGE (TOP VIEW) 114 78 2 3 4 5 6 13 12 11 10 9 4B 4A 4Y 3B 3A 1B 1Y 2A 2B 2Y description/ordering information The ’AHC00 devices perform the Boolean function Y + A • B or Y + A ) B in positive logic. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING QFN − RGY Tape and reel SN74AHC00RGYR HA00 PDIP − N Tube SN74AHC00N SN74AHC00N SOIC D Tube SN74AHC00D AHC00 SOIC − D Tape and reel SN74AHC00DR AHC00 −40 °C to 85°C SOP − NS Tape and reel SN74AHC00NSR AHC00 SSOP − DB Tape and reel SN74AHC00DBR HA00 TSSOP PW Tube SN74AHC00PW HA00 TSSOP − PW Tape and reel SN74AHC00PWR HA00 TVSOP − DGV Tape and reel SN74AHC00DGVR HA00 CDIP − J Tube SNJ54AHC00J SNJ54AHC00J −55 °C to 125°C CFP − W Tube SNJ54AHC00W SNJ54AHC00W 55 C to 125 C LCCC − FK Tube SNJ54AHC00FK SNJ54AHC00FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Número de pieza similar - SN74AHC00 |
|
Descripción similar - SN74AHC00 |