Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22921YZPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22921YZPR
Descripción Electrónicos  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22921YZPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS22921YZPR Datasheet HTML 1Page - Texas Instruments TPS22921YZPR Datasheet HTML 2Page - Texas Instruments TPS22921YZPR Datasheet HTML 3Page - Texas Instruments TPS22921YZPR Datasheet HTML 4Page - Texas Instruments TPS22921YZPR Datasheet HTML 5Page - Texas Instruments TPS22921YZPR Datasheet HTML 6Page - Texas Instruments TPS22921YZPR Datasheet HTML 7Page - Texas Instruments TPS22921YZPR Datasheet HTML 8Page - Texas Instruments TPS22921YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL IMPEDANCE RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS22921, TPS22922, TPS22922B
SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
MIN
MAX
UNIT
VIN
Input voltage range
–0.3
4
V
VOUT
Output voltage range
VIN + 0.3
V
VON
Input voltage range
–0.3
4
V
P
Power dissipation at TA = 25°C
0.645
W
IMAX
Maximum continuous switch current
2
A
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
Tlead
Maximum lead temperature (10-s soldering time)
300
°C
Human-Body Model (HBM)
3000
ESD
Electrostatic discharge protection
Charged Device Model (CDM)
1000
V
Machine Model (MM)
300
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
UNIT
YFP package
155
θ
JA
Package thermal impedance(1)
°C/W
YZP/YZT package
123
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VIN
Input voltage range
0.9
3.6
V
VOUT
Output voltage range
VIN
VIH
High-level input voltage, ON
0.85
3.6
V
VIL
Low-level input voltage, ON
0.4
V
CIN
Input capacitor
1(1)
µF
(1)
Refer to Application Information.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS22921 TPS22922 TPS22922B


Número de pieza similar - TPS22921YZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22921YZPR TI-TPS22921YZPR Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921YZPR TI-TPS22921YZPR Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
More results

Descripción similar - TPS22921YZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
logo
Unisonic Technologies
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095DB UTC-US2236095DB Datasheet
149Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com