Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM26480 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM26480
Descripción Electrónicos  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM26480_10 Datasheet HTML 6Page - National Semiconductor (TI) LM26480_10 Datasheet HTML 7Page - National Semiconductor (TI) LM26480_10 Datasheet HTML 8Page - National Semiconductor (TI) LM26480_10 Datasheet HTML 9Page - National Semiconductor (TI) LM26480_10 Datasheet HTML 10Page - National Semiconductor (TI) LM26480_10 Datasheet HTML 11Page - National Semiconductor (TI) LM26480_10 Datasheet HTML 12Page - National Semiconductor (TI) LM26480_10 Datasheet HTML 13Page - National Semiconductor (TI) LM26480_10 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Typical Performance Characteristics — Buck V
IN = 2.8V to 5.5V, TA = 25°C
Shutdown Current vs. Temp
30040443
Output Voltage vs. Supply Voltage
(V
OUT = 1.2V)
30040444
Output Voltage vs. Supply Voltage
(V
OUT = 2.0V)
30040445
Output Voltage vs. Supply Voltage
(V
OUT = 3.0V)
30040446
www.national.com
10


Número de pieza similar - LM26480_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
More results

Descripción similar - LM26480_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com