Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40200D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40200D
Descripción Electrónicos  WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40200D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40200D Datasheet HTML 7Page - Texas Instruments TPS40200D Datasheet HTML 8Page - Texas Instruments TPS40200D Datasheet HTML 9Page - Texas Instruments TPS40200D Datasheet HTML 10Page - Texas Instruments TPS40200D Datasheet HTML 11Page - Texas Instruments TPS40200D Datasheet HTML 12Page - Texas Instruments TPS40200D Datasheet HTML 13Page - Texas Instruments TPS40200D Datasheet HTML 14Page - Texas Instruments TPS40200D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
C
RC
R
RC
1
8
5
+
+
S
Q
Q
R
CLK
150mV
Ext.Frequency
Synchronization
(optional)
RC
GND
+
VDD
VIN
RC
RC
TPS40200
Amplitde>
10
V
IN
¸
Frequency>Controller
Frequency
Dutycycle<50%
C
RC
R
RC
1
8
5
+
+
S
Q
Q
R
CLK
150mV
RC
GND
+
VDD
V
IN
RC
RC
TPS40200
TPS40200
www.ti.com ........................................................................................................................................ SLUS659D – FEBRUARY 2006 – REVISED NOVEMBER 2008
Figure 26. Oscillator Functional Diagram
Figure 27. Diode Connected Synchronization
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS40200


Número de pieza similar - TPS40200D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200D TI-TPS40200D Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI1-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DG4 TI1-TPS40200DG4 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
More results

Descripción similar - TPS40200D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com