Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22960 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS22960
Descripción Electrónicos  LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22960 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22960_2 Datasheet HTML 7Page - Texas Instruments TPS22960_2 Datasheet HTML 8Page - Texas Instruments TPS22960_2 Datasheet HTML 9Page - Texas Instruments TPS22960_2 Datasheet HTML 10Page - Texas Instruments TPS22960_2 Datasheet HTML 11Page - Texas Instruments TPS22960_2 Datasheet HTML 12Page - Texas Instruments TPS22960_2 Datasheet HTML 13Page - Texas Instruments TPS22960_2 Datasheet HTML 14Page - Texas Instruments TPS22960_2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
IOUT
20 mA/div
V
ON
500 mV/div
5 µs/div
C
Load = 0.1 µF
I
OUT = 100 mA
V
IN = 1.8 V
SR = High
I
OUT
20 mA/div
V
ON
500 mV/div
100 µs/div
C
Load = 10 µF
I
OUT = 100 mA
V
IN = 1.8 V
SR = High
TPS22960
www.ti.com ..................................................................................................................................................................................................... SLVS914 – APRIL 2009
TYPICAL CHARACTERISTICS (continued)
Figure 16. tOFF Response
Figure 17. tOFF Response
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS22960


Número de pieza similar - TPS22960_2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22960DCNR TI-TPS22960DCNR Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI1-TPS22960DCNR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Input Voltage, Dual-Load Switch
TPS22960RSER TI-TPS22960RSER Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960RSER TI-TPS22960RSER Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results

Descripción similar - TPS22960_2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22960 TI-TPS22960_1 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8988 A-POWER-APE8988_16 Datasheet
758Kb / 10P
   1.5A LOAD SWITCH WITH CONTROLLED TURN ON
APE8988 A-POWER-APE8988_14 Datasheet
764Kb / 10P
   1.5A LOAD SWITCH WITH CONTROLLED TURN ON
APE8988B A-POWER-APE8988B Datasheet
672Kb / 9P
   3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com