Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3A5018DRG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TS3A5018DRG4
Descripción Electrónicos  10-廓 QUAD SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018DRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TS3A5018DRG4 Datasheet HTML 1Page - Texas Instruments TS3A5018DRG4 Datasheet HTML 2Page - Texas Instruments TS3A5018DRG4 Datasheet HTML 3Page - Texas Instruments TS3A5018DRG4 Datasheet HTML 4Page - Texas Instruments TS3A5018DRG4 Datasheet HTML 5Page - Texas Instruments TS3A5018DRG4 Datasheet HTML 6Page - Texas Instruments TS3A5018DRG4 Datasheet HTML 7Page - Texas Instruments TS3A5018DRG4 Datasheet HTML 8Page - Texas Instruments TS3A5018DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TS3A5018
www.ti.com
SCDS189D – JANUARY 2005 – REVISED MARCH 2010
Electrical Characteristics for 3.3-V Supply
(1)
(continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
3.3 V
2.5
3.5
8
VCOM = 2 V,
CL = 35 pF,
Turn-on time
tON
ns
3 V to
RL = 300 Ω,
See Figure 17
Full
2.5
9
3.6 V
25°C
3.3 V
0.5
2
6.5
VCOM = 2 V,
CL = 35 pF,
Turn-off time
tOFF
ns
3 V to
RL = 300 Ω,
See Figure 17
Full
0.5
7
3.6 V
Charge
VGEN = 0,
CL = 0.1 nF,
QC
25°C
3.3 V
2
pC
injection
RGEN = 0,
See Figure 22
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
OFF
See Figure 16
25°C
3.3 V
4.5
pF
CNO(OFF)
Switch OFF,
capacitance
COM
VCOM = V+ or GND,
OFF
CCOM(OFF)
See Figure 16
25°C
3.3 V
9
pF
Switch OFF,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
ON
See Figure 16
25°C
3.3 V
16
pF
CNO(ON)
Switch ON,
capacitance
COM
VCOM = V+ or GND,
ON
CCOM(ON)
See Figure 16
25°C
3.3 V
16
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
3.3 V
3
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C
3.3 V
300
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
3.3 V
–48
dB
f = 10 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
3.3 V
–48
dB
f = 10 MHz,
See Figure 20
Crosstalk
RL = 50 Ω,
Switch ON,
XTALK(ADJ)
25°C
3.3 V
–81
dB
adjacent
f = 10 MHz,
See Figure 21
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
3.3 V
0.21
%
distortion
CL = 50 pF,
See Figure 23
Supply
25°C
2.5
7
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
3.6 V
mA
current
Full
10
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3A5018


Número de pieza similar - TS3A5018DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A5018DRG4 TI-TS3A5018DRG4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Descripción similar - TS3A5018DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com