Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4S012XXXR Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPD4S012XXXR
Descripción Electrónicos  4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPD4S012XXXR Datasheet(HTML) 3 Page - Texas Instruments

  TPD4S012XXXR Datasheet HTML 1Page - Texas Instruments TPD4S012XXXR Datasheet HTML 2Page - Texas Instruments TPD4S012XXXR Datasheet HTML 3Page - Texas Instruments TPD4S012XXXR Datasheet HTML 4Page - Texas Instruments TPD4S012XXXR Datasheet HTML 5Page - Texas Instruments TPD4S012XXXR Datasheet HTML 6Page - Texas Instruments TPD4S012XXXR Datasheet HTML 7Page - Texas Instruments TPD4S012XXXR Datasheet HTML 8Page - Texas Instruments TPD4S012XXXR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
V
BUS
GND
D+
D–
-
ID
TPD4S012
www.ti.com
SLVS928A – MARCH 2009 – REVISED NOVEMBER 2009
CIRCUIT DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
DRY
XXX
NAME
PIN NO.
BALL NO.
1
A1
D+
ESD clamp
Provides ESD protection to the high-speed differential data lines
2
B1
D–
ESD clamp
Provides ESD protection to the high-speed differential data lines
3
B2
ID
ESD clamp
Provides ESD protection to the high-speed differential data lines
4
A2
GND
Pwr
Ground
5
N.C.
Not internally connected
6
C1, C2
VBUS
ESD clamp
ESD clamp for high-voltage tolerant VBUS line(s)
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBUS voltage tolerance
VBUS pin
–0.3
20
V
IO voltage tolerance
D+, D–, ID pins
–0.3
6
V
Tstg
Storage temperature range
–65
125
°C
TA
Operating free-air temperature range
–40
85
°C
IEC 61000-4-2 Contact Discharge
D+, D–, ID
±10
kV
IEC 61000-4-2 Air-Gap Discharge
D+, D–, ID
±10
kV
IEC 61000-4-2 Contact Discharge
VBUS pin
±10
kV
IEC 61000-4-2 Air-Gap Discharge
VBUS pin
±9
kV
Peak pulse power (tp = 8/20 μs)
D+, D–, ID, VBUS pins
60
W
Peak pulse current (tp = 8/20 μs)
D+, D–, ID, VBUS pins
3
A
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD4S012


Número de pieza similar - TPD4S012XXXR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4S012 TI-TPD4S012 Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012 TI1-TPD4S012 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRYR TI-TPD4S012DRYR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRYR TI-TPD4S012DRYR Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
More results

Descripción similar - TPD4S012XXXR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883_10 Datasheet
997Kb / 64P
   Integrated Charger USB Interface
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com