Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A9411DCKRG4 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TS5A9411DCKRG4
Descripción Electrónicos  10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS5A9411DCKRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5A9411DCKRG4 Datasheet HTML 3Page - Texas Instruments TS5A9411DCKRG4 Datasheet HTML 4Page - Texas Instruments TS5A9411DCKRG4 Datasheet HTML 5Page - Texas Instruments TS5A9411DCKRG4 Datasheet HTML 6Page - Texas Instruments TS5A9411DCKRG4 Datasheet HTML 7Page - Texas Instruments TS5A9411DCKRG4 Datasheet HTML 8Page - Texas Instruments TS5A9411DCKRG4 Datasheet HTML 9Page - Texas Instruments TS5A9411DCKRG4 Datasheet HTML 10Page - Texas Instruments TS5A9411DCKRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
TS5A9411
www.ti.com ............................................................................................................................................................... SCDS241A – MAY 2008 – REVISED JULY 2008
V+ = 2.25 V to 2.75, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNO, VNC
25°C
15
25
ON-state
VNO or VNC = 1 V,
Switch ON,
rON
2.25 V
resistance
ICOM = –10 mA,
See Figure 6
Full
28
ON-state
25°C
0.06
0.3
resistance
VNO or VNC = 1 V,
Switch ON,
match
ΔrON
2.25 V
ICOM = –10 mA,
See Figure 6
Full
0.3
between
channels
ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
rON(flat)
25°C
2.25 V
4
ICOM = –10 mA,
See Figure 6
flatness
VNC or VNO = 1.5 V,
25°C
–300
300
pA
NC, NO
VCOM = 0.5 V to 1.5 V,
INC(OFF),
Switch OFF,
OFF leakage
or
2.75 V
INO(OFF)
See Figure 7
Full
–1
1
nA
current
VNC or VNO = 1.5 V,
VCOM = 1.5 V,
VNC or VNO = 1.5 V,
25°C
–300
300
pA
NC, NO
INC(ON),
VCOM = 0.5 V to 1.5 V
Switch ON,
ON leakage
2.75 V
INO(ON)
VNC or VNO = 1.5 V,
See Figure 8
Full
–1
1
nA
current
VCOM = 1.5 V,
VNC or VNO = Open,
25°C
–300
300
pA
COM
VCOM = 0.5 V,
Switch ON,
ON leakage
ICOM(ON)
or
2.75 V
See Figure 8
Full
–1
1
nA
current
VNC or VNO = Open,
VCOM = 1.5 V,
Digital Input (IN)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.4
V
25°C
–0.05
0.05
Input leakage
IIH, IIL
VI = 5.5 V or 0 V
2.75 V
µA
current
Full
–0.05
0.05
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS5A9411


Número de pieza similar - TS5A9411DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A9411DCKRG4 TI-TS5A9411DCKRG4 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKRG4 TI1-TS5A9411DCKRG4 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Descripción similar - TS5A9411DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com