Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12022MIBZ-T Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL12022MIBZ-T
Descripción Electrónicos  Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MIBZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL12022MIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 9Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 10Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
FN6668.7
June 4, 2010
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VDD to
SCL falling edge crossing
70% of VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the
30% to 70% of VDD
window, to SCL rising
edge crossing 30% of
VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge
crossing 30% of VDD to
SDA entering the 30% to
70% of VDD window.
20
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge
crossing 70% of VDD, to
SDA rising edge crossing
30% of VDD.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to
SCL falling edge. Both
crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge
crossing 30% of VDD,
until SDA enters the
30% to 70% of VDD
window.
0
ns
tR
SDA and SCL Rise Time
From 30% to 70% of
VDD.
20 + 0.1 x
Cb
300
ns
13, 14
tF
SDA and SCL Fall Time
From 70% to 30% of
VDD.
20 + 0.1 x
Cb
300
ns
13, 14
Cb
Capacitive Loading of SDA or
SCL
Total on-chip and
off-chip
10
400
pF
13, 14
RPU
SDA and SCL Bus Pull-up
Resistor Off-chip
Maximum is determined
by tR and tF.
For Cb = 400pF, max is
about 2kΩ~2.5kΩ.
For Cb = 40pF, max is
about 15kΩ~20kΩ
1
13, 14
NOTES:
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits
established by characterization and are not production tested.
8. Specified at +25°C.
9. Temperature Conversion is inactive below VBAT = 2.7V. Device operation is not guaranteed at VBAT <1.8V.
10. IRQ/FOUT inactive.
11. VDD > VBAT +VBATHYS
12. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
13. Limits should be considered typical and are not production tested.
14. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate
specification.
15. Minimum VDD and/or VBAT of 1V to sustain the SRAM. The value is based on characterization and it is not tested.
I2C Interface Specifications Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C,
unless otherwise specified. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7) UNITS
NOTES
ISL12022M


Número de pieza similar - ISL12022MIBZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL12022MIBZ-T RENESAS-ISL12022MIBZ-T Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ-TR5421 INTERSIL-ISL12022MIBZ-TR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
logo
Renesas Technology Corp
ISL12022MIBZ-TR5421 RENESAS-ISL12022MIBZ-TR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Descripción similar - ISL12022MIBZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com