Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCEL937PWG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza CDCEL937PWG4
Descripción Electrónicos  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCEL937PWG4 Datasheet(HTML) 5 Page - Texas Instruments

  CDCEL937PWG4 Datasheet HTML 1Page - Texas Instruments CDCEL937PWG4 Datasheet HTML 2Page - Texas Instruments CDCEL937PWG4 Datasheet HTML 3Page - Texas Instruments CDCEL937PWG4 Datasheet HTML 4Page - Texas Instruments CDCEL937PWG4 Datasheet HTML 5Page - Texas Instruments CDCEL937PWG4 Datasheet HTML 6Page - Texas Instruments CDCEL937PWG4 Datasheet HTML 7Page - Texas Instruments CDCEL937PWG4 Datasheet HTML 8Page - Texas Instruments CDCEL937PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CDCE937
CDCEL937
www.ti.com
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
TIMING REQUIREMENTS
over recommended ranges of supply voltage, load, and operating free-air temperature
MIN
NOM
MAX
UNIT
CLK_IN REQUIREMENTS
PLL bypass mode
0
160
fCLK
LVCMOS clock input frequency
MHz
PLL mode
8
160
tr / tf
Rise and fall time CLK signal (20% to 80%)
3
ns
dutyCLK
Duty cycle CLK at VDD/2
40%
60%
STANDARD
FAST
MODE
MODE
UNIT
MIN
MAX
MIN
MAX
SDA/SCL TIMING REQUIREMENTS (see Figure 12)
fSCL
SCL clock frequency
0
100
0
400
kHz
tsu(START)
START setup time (SCL high before SDA low)
4.7
0.6
ms
th(START)
START hold time (SCL low after SDA low)
4
0.6
ms
tw(SCLL)
SCL low-pulse duration
4.7
1.3
ms
tw(SCLH)
SCL high-pulse duration
4
0.6
ms
th(SDA)
SDA hold time (SDA valid after SCL low)
0
3.45
0
0.9
ms
tsu(SDA)
SDA setup time
250
100
ns
tr
SCL/SDA input rise time
1000
300
ns
tf
SCL/SDA input fall time
300
300
ns
tsu(STOP)
STOP setup time
4
0.6
ms
tBUS
Bus free time between a STOP and START condition
4.7
1.3
ms
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCE937 CDCEL937


Número de pieza similar - CDCEL937PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCEL937PWG4 TI1-CDCEL937PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
More results

Descripción similar - CDCEL937PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com