Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL594CDG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
TL594CDG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 19 page www.ti.com GND REF VCC Reference Regulator C1 Pulse-Steering Flip-Flop C1 1D FEEDBACK DTC CT RT PWM Comparator Error Amplifier 2 1 + - Error Amplifier 1 ≈0.1 V DTC Comparator Oscillator OUTPUT CTRL (see Function Table) 0.7 mA E1 C2 E2 2 + - Undervoltage Lockout Control IN+ IN- IN+ IN- 6 5 1 2 16 15 3 14 7 12 10 11 9 8 13 4 TL594 PULSE-WIDTH-MODULATION CONTROL CIRCUIT SLVS052G – APRIL 1988 – REVISED JANUARY 2007 ORDERING INFORMATION(1) TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – N Tube of 25 TL594CN TL594CN Tube of 40 TL594CD SOIC – D TL594C Reel of 2500 TL594CDR 0 °C to 70°C SOP – NS Reel of 2000 TL594CNSR TL594 Tube of 90 TL594CPW TSSOP – PW T594 Reel of 2000 TL594CPWR PDIP – N Tube of 25 TL594IN TL594IN Tube of 40 TL594ID SOIC – D TL594I Reel of 2500 TL594IDR –40 °C to 85°C SOP – NS Reel of 2000 TL594INSR TL594I Tube of 90 TL594IPW TSSOP – PW Z594 Reel of 2000 TL594IPWR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE INPUT OUTPUT FUNCTION OUTPUT CTRL VI = 0 Single-ended or parallel output VI = Vref Normal push-pull operation FUNCTIONAL BLOCK DIAGRAM 2 Submit Documentation Feedback |
Número de pieza similar - TL594CDG4 |
|
Descripción similar - TL594CDG4 |