Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA48033BF Datasheet(PDF) 9 Page - Toshiba Semiconductor

No. de pieza TA48033BF
Descripción Electrónicos  1 A Three-Terminal Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48033BF Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA48033BF Datasheet HTML 4Page - Toshiba Semiconductor TA48033BF Datasheet HTML 5Page - Toshiba Semiconductor TA48033BF Datasheet HTML 6Page - Toshiba Semiconductor TA48033BF Datasheet HTML 7Page - Toshiba Semiconductor TA48033BF Datasheet HTML 8Page - Toshiba Semiconductor TA48033BF Datasheet HTML 9Page - Toshiba Semiconductor TA48033BF Datasheet HTML 10Page - Toshiba Semiconductor TA48033BF Datasheet HTML 11Page - Toshiba Semiconductor TA48033BF Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TA48015,018,025,033,05,08,09BF
2009-02-02
9
Output current IOUT
(A )
VOUT – I OUT
Input voltage VIN (V)
I B – VIN
VOUT – Tj
2.8
3.6
3.8
−50
50
150
3.2
0
3.4
3.0
100
Input voltage VIN (V)
VOUT – VIN
0
3
0
4
8
1
2
2
6
0
5
4
2
0
2.0
1.0
0.5
1.5
0
8
2
4
6
14
12
6
Junction temperature Tj (°C)
Ambient temperature Ta
(°C )
TA48***BF
PDmax. – Ta
0
2
4
6
10
12
8
0
20
40
80
100
120
60
140
160
Condition:
Number of IC = 1
Reflow soldering on a
ceramic substrate
50 mm x 50 mm x 0.8 mm
30 mm x 30 mm x 0.8 mm
Single
Ta = Tc
TA48033BF
VIN = 5 V
I OUT = 5 mA
4
TA48033BF
Tj = 25 °C
I OUT = 10 mA
0.1 A
0.5 A
TA48033BF
VIN = 5 V
Tj = 25 °C
I OUT = 0 mA
10 mA
0.1 A
0.5 A
TA48033BF
Tj = 25 °C
3
1
10
8
2
4
0
4
8
16
20
0
0.2
0.6
0.8
Output current IOUT
(A )
I B – I OUT
12
0.4
1.0
TA48033BF
VIN = 5 V
Tj = 25 °C
0


Número de pieza similar - TA48033BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA48033BF TOSHIBA-TA48033BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
More results

Descripción similar - TA48033BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com