Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA18272HNC1 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza TDA18272HNC1
Descripción Electrónicos  Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18272HNC1 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA18272HNC1 Datasheet HTML 1Page - NXP Semiconductors TDA18272HNC1 Datasheet HTML 2Page - NXP Semiconductors TDA18272HNC1 Datasheet HTML 3Page - NXP Semiconductors TDA18272HNC1 Datasheet HTML 4Page - NXP Semiconductors TDA18272HNC1 Datasheet HTML 5Page - NXP Semiconductors TDA18272HNC1 Datasheet HTML 6Page - NXP Semiconductors TDA18272HNC1 Datasheet HTML 7Page - NXP Semiconductors TDA18272HNC1 Datasheet HTML 8Page - NXP Semiconductors TDA18272HNC1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
General description
The TDA18272HN is a Silicon Tuner designed for terrestrial and cable TV reception for
both analog and digital signals. TDA18272HN/M (Master) is to be used as a stand-alone
tuner IC or Master in dual tuner application. TDA18272HN/S (Slave) is only to be used as
Slave Silicon Tuner in dual tuner application.
The TDA18272HN supports all analog and digital TV standards and delivers a LOW IF
(LIF) signal to a demodulator for analog TV and/or a channel demodulator for digital TV.
2.
Features and benefits
Fully integrated IF selectivity; eliminating the need for external SAW filters
Worldwide multistandard terrestrial and cable
Fully integrated oscillators
Alignment free
Single 3.3 V supply voltage
Integrated wideband gain control
Crystal oscillator output buffer (16 MHz) for single crystal applications
I2C-bus interface compatible with 3.3 V microcontrollers
Slave tuner output function to drive second (slave) Silicon Tuner
Easy programming
5 ms tuning time
LIF channel center frequency output ranging from 3 MHz to 5 MHz
1.7 MHz, 6 MHz, 7 MHz, 8 MHz and 10 MHz channel bandwidths
Ready for DVB-T2
RoHS compliant
3.
Quick reference data
TDA18272HN
Hybrid (analog and digital) Silicon Tuner for terrestrial and
cable TV reception
Rev. 2 — 11 August 2010
Product data sheet
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max Unit
fRF
RF frequency
full range of RF input
42
-
870
MHz
NFtun
tuner noise figure
75
Ω source; maximum gain
-
5.0
-
dB


Número de pieza similar - TDA18272HNC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
TDA18271HD NXP-TDA18271HD Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD/C2 NXP-TDA18271HD/C2 Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
TDA18271HD/C2 NXP-TDA18271HD/C2 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
More results

Descripción similar - TDA18272HNC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
NXP Semiconductors
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com