Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMEC Datasheet(PDF) 1 Page - Schurter Inc.

No. de pieza FMEC
Descripción Electrónicos  DC-Filter, dual pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMEC Datasheet(HTML) 1 Page - Schurter Inc.

  FMEC Datasheet HTML 1Page - Schurter Inc. FMEC Datasheet HTML 2Page - Schurter Inc. FMEC Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

-Phase Line Filters
FMEC
www.schurter.com/pg06_
EMC Products
DC-Filter, dual pole
Description
-Chassis:
Screw-onmounting,fromtop
-Line-filterinstandardversion,1-stage,standardattenuation
-Effectiveagainstsymmetricalandasymmetricalinterferencesinthe
frequencyrangefrom100kHzupto30MHz
Approvals
-VDELicenseNumber:40020247
-ULLicenseNumber:E72928
Characteristics
-OptimizedforDCsuppliedapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Otherterminalcombinations
-Versionwithwireconnection
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
5-30A@Ta40°C/±80VDC
RatingsUL/CSA
5-30A@Ta40°C/±80VDC
DielectricStrength
>1.7kVDCbetweenVss-GND
>2.7kVDCbetweenVss/GND-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
orscrewterminals
Material:Housing
Alu.anodised,UL94V-0
LineFilter
IndustrialVersion,IEC60939,IEC
60601-1,UL1283,UL544,EN133
200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F
Dimensions
Case 86-3
43 max.
89 max.
66 max.
(7)
(12)
5.3 ±0.2
(12)
2)
1)
3)
4 mm2
6.3x0.8
1) Line2) Load3) I/O connections torque 0.6...0.8 Nm


Número de pieza similar - FMEC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
FME SCHURTER-FME Datasheet
325Kb / 1P
   Fuseholder Open Design, Holder for MSF 125, Panel Mount
logo
Sanken electric
FME-2104 SANKEN-FME-2104 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FME-2106 SANKEN-FME-2106 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
FME-210B SANKEN-FME-210B Datasheet
291Kb / 7P
   Schottky Barrier Diode
FME-220A SANKEN-FME-220A Datasheet
32Kb / 1P
   100V, 20A Schottky barrier diode in TO220F package
More results

Descripción similar - FMEC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
FMEB SCHURTER-FMEB Datasheet
551Kb / 3P
   DC-Filter, single pole
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
   DC FILTER
logo
International Rectifier
PVR1300 IRF-PVR1300 Datasheet
90Kb / 6P
   BOSFET PHOTOVOLTAIC RELAY DUAL - POLE 400MA 0-100V AC/DC
logo
EPCOS
B69813N1477A840 EPCOS-B69813N1477A840 Datasheet
161Kb / 4P
   3-Pole Filter for WSP
B69812N1477D340 EPCOS-B69812N1477D340 Datasheet
152Kb / 4P
   2-Pole Filter for DAB
logo
List of Unclassifed Man...
SSM2044 ETC-SSM2044 Datasheet
299Kb / 4P
   4 POLE VOLTAGE CONTROLLED FILTER
logo
EPCOS
B69812N1477A540 EPCOS-B69812N1477A540 Datasheet
147Kb / 4P
   2-Pole Filter for DAB
logo
List of Unclassifed Man...
SSM2044 ETC-SSM2044 Datasheet
127Kb / 4P
   4 POLE VOLTAGE CONTROLLED FILTER
MFE1842BBU22 ETC-MFE1842BBU22 Datasheet
13Kb / 1P
   Dielectric Filter with Attenuation Pole
logo
EPCOS
B69813N2327A414 EPCOS-B69813N2327A414 Datasheet
163Kb / 4P
   3-Pole Filter for SIRIUS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com