Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC03-3.3.TB Datasheet(PDF) 1 Page - Semtech Corporation

No. de pieza LC03-3.3.TB
Descripción Electrónicos  Low Capacitance 3.3 Volt TVS for High Speed Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-3.3.TB Datasheet(HTML) 1 Page - Semtech Corporation

  LC03-3.3.TB Datasheet HTML 1Page - Semtech Corporation LC03-3.3.TB Datasheet HTML 2Page - Semtech Corporation LC03-3.3.TB Datasheet HTML 3Page - Semtech Corporation LC03-3.3.TB Datasheet HTML 4Page - Semtech Corporation LC03-3.3.TB Datasheet HTML 5Page - Semtech Corporation LC03-3.3.TB Datasheet HTML 6Page - Semtech Corporation LC03-3.3.TB Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
LC03-3.3
Low Capacitance 3.3 Volt TVS
for High Speed Interfaces
1800 watts peak pulse power (t
p = 8/20µs)
Transient protection for high-speed data lines to
Bellcore 1089 (Intra-Building) 100A (2/10µs)
ITU K.20 I
PP=40A (5/310µs)
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 100A (8/20µs)
Protects two lines in common and differential mode
Low capacitance for high-speed interfaces
Low operating voltage (3.3V)
Low clamping voltage
Integrated structure saves board space and
increases reliability
Solid-state EPD technology
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 01/18/2008
Applications
Mechanical Characteristics
SO-8 (Top View)
The LC03-3.3 transient voltage suppressor is designed
to protect components which are connected to high
speed data and telecommunication lines from voltage
surges caused by lightning, electrostatic discharge
(ESD), and electrical fast transients (EFT).
TVS diodes are ideal for use as board level protection
of sensitive semiconductor components. The LC03-
3.3 combines a TVS diode with a rectifier bridge to
provide transient protection in both common and
differential mode with a single device. The LC03-3.3
utilizes Semtech’s EPD technology for superior electri-
cal characteristics at 3.3 volts. The capacitance of the
device is minimized to ensure correct signal transmis-
sion on high speed lines.
The LC03-3.3 meets the short-haul (intra-building)
transient immunity requirements of Bellcore 1089 for
telecommunications applications.
JEDEC SO-8 package
RoHS/WEEE Compliant
Molding compound flammability rating: UL 94V-0
Marking : Part number, date code
Packaging : Tube or Tape and Reel per EIA 481
Low Voltage Interfaces
T3/E3
10/100 Ethernet
Set-Top Box
ISDN Interfaces
1
2
3
45
6
7
8
Pin 1 and 8
Pin 4 and 5
Pin 2, 3,
6, and 7
Ground


Número de pieza similar - LC03-3.3.TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
LC03-3.3.TB SEMTECH-LC03-3.3.TB Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
LC03-3.3.TBT SEMTECH-LC03-3.3.TBT Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
More results

Descripción similar - LC03-3.3.TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com