Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13176D Datasheet(PDF) 11 Page - Motorola, Inc

No. de pieza MC13176D
Descripción Electrónicos  UHF FM/AM Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13176D Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC13176D Datasheet HTML 7Page - Motorola, Inc MC13176D Datasheet HTML 8Page - Motorola, Inc MC13176D Datasheet HTML 9Page - Motorola, Inc MC13176D Datasheet HTML 10Page - Motorola, Inc MC13176D Datasheet HTML 11Page - Motorola, Inc MC13176D Datasheet HTML 12Page - Motorola, Inc MC13176D Datasheet HTML 13Page - Motorola, Inc MC13176D Datasheet HTML 14Page - Motorola, Inc MC13176D Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MC13176
11
MOTOROLA RF/IF DEVICE DATA
Figure 19. Input Data Waveform
Figure 20. Frequency Deviation
–10
–20
–30
–40
(dBc)
(dBc)
Figure 21. Modulation Spectrum
Figure 22. Unmodulated Carrier
Reference Crystal Oscillator (Pins 8 and 9)
Selection of Proper Crystal: A crystal can operate in a
number of mechanical modes. The lowest resonant
frequency mode is its fundamental while higher order modes
are called overtones. At each mechanical resonance, a
crystal behaves like a RLC series–tuned circuit having a
large inductor and a high Q. The inductor Ls is series
resonance with a dynamic capacitor, Cs determined by the
elasticity of the crystal lattice and a series resistance Rs,
which accounts for the power dissipated in heating the
crystal. This series RLC circuit is in parallel with a static
capacitance, Cp which is created by the crystal block and by
the metal plates and leads that make contact with it.
Figure 23 is the equivalent circuit for a crystal in a single
resonant mode. It is assumed that other modes of resonance
are so far off frequency that their effects are negligible.
Series resonant frequency, fs is given by;
fs = 1/2π(LsCs)1/2
and parallel resonant frequency, fp is given by;
fp = fs(1 + Cs/Cp)1/2
Figure 23. Crystal Equivalent Circuit
C3
R3
L3
Cp
the frequency separation at resonance is given by;
∆f = fp–fs = fs[1 – (1 + Cs/Cp)1/2]
Usually fp is less than 1% higher than fs, and a crystal exhibits
an extremely wide variation of the reactance with frequency
between fp and fs. A crystal oscillator circuit is very stable
with frequency. This high rate of change of impedance with
frequency stabilizes the oscillator, because any significant
change in oscillator frequency will cause a large phase shift
in the feedback loop keeping the oscillator on frequency.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Número de pieza similar - MC13176D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC13176D LANSDALE-MC13176D Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13176D MOTOROLA-MC13176D Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
MC13176D LANSDALE-MC13176D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Descripción similar - MC13176D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com