Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M1000-M10-L30-C2 Datasheet(PDF) 2 Page - GSI Group, Inc. |
|
M1000-M10-L30-C2 Datasheet(HTML) 2 Page - GSI Group, Inc. |
2 / 6 page Optional software lets you view signal strength, Lissajous plots, position data and diagnostics. M1000 Encoder System Standard Equipment System Configurations Standard and Optional Equipment Page 2 of 6 SmartPrecision™ Alignment Tool - SSAT 1000 Required for set up, the built-in LED indicators make alignment fast and easy, eliminating the need for an oscilloscope. In addition, The Alignment Tool automatically optimizes the M1000’s gain and offset for increased accuracy with the push of a button. The RS232 Interface Adapter provides power to the encoder and connections to a PC. This is included with the Alignment Tool. SmartPrecision™ Software Encoder Sensor Same for linear and rotary scales. Controller Interface Cable 15 pin standard D-sub connector with SmartPrecision™ automatic gain and offset adjustments. Optional Software |
Número de pieza similar - M1000-M10-L30-C2 |
|
Descripción similar - M1000-M10-L30-C2 |