Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT16500A Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74LVT16500A
Descripción Electrónicos  3.3 V 18-bit universal bus transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16500A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT16500A_06 Datasheet HTML 6Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 7Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 8Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 9Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 10Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 11Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 12Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 13Page - NXP Semiconductors 74LVT16500A_06 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74LVT16500A_3
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 29 May 2006
10 of 19
Philips Semiconductors
74LVT16500A
3.3 V 18-bit universal bus transceiver; 3-state
tsu(L)
setup time LOW
An to CPAB or Bn to CPBA
see Figure 10
2.5
-
-
ns
An to LEAB with CPAB LOW or
Bn to LEBA with CPBA LOW
see Figure 10
2.2
-
-
ns
An to LEAB with CPAB HIGH or
Bn to LEBA with CPBA HIGH
see Figure 10
2.7
-
-
ns
th(H)
hold time HIGH
An to CPAB or Bn to CPBA
see Figure 10
0
--ns
An to LEAB or Bn to LEBA
see Figure 10
0
--ns
th(L)
hold time LOW
An to CPAB or Bn to CPBA
see Figure 10
0
--ns
An to LEAB or Bn to LEBA
see Figure 10
0
--ns
tWH
pulse width HIGH
CPAB or CPBA
see Figure 6
1.5
-
-
ns
LEAB or LEBA
see Figure 7
1.5
-
-
ns
tWL
pulse width LOW
CPAB or CPBA
see Figure 6
1.5
-
-
ns
VCC = 3.0 V ± 0.3 V; Tamb = −40 °C to 85 °C[1]
tPLH
propagation delay
An to Bn or Bn to An
see Figure 5
0.5
1.9
4.2
ns
CPAB to Bn or CPBA to An
see Figure 6
1.0
3.2
5.4
ns
LEAB to Bn or LEBA to An
see Figure 7
1.0
2.4
5.4
ns
tPHL
propagation delay
An to Bn or Bn to An
see Figure 5
0.5
1.9
4.2
ns
CPAB to Bn or CPBA to An
see Figure 6
1.0
3.2
5.4
ns
LEAB to Bn or LEBA to An
see Figure 7
1.0
2.9
5.4
ns
tPZH
output enable time to HIGH-level
see Figure 8
1.0
2.4
4.8
ns
tPZL
output enable time to LOW-level
see Figure 9
1.0
2.2
4.8
ns
tPHZ
output disable time from HIGH-level see Figure 8
1.0
2.8
5.8
ns
tPLZ
output disable time from LOW-level
see Figure 9
1.0
3.2
5.2
ns
tsu(H)
setup time HIGH
An to CPAB or Bn to CPBA
see Figure 10
2.4
1.0
-
ns
An to LEAB with CPAB LOW or
Bn to LEBA with CPBA LOW
see Figure 10
2.3
0.9
-
ns
An to LEAB with CPAB HIGH or
Bn to LEBA with CPBA HIGH
see Figure 10
2.4
0.9
-
ns
tsu(L)
setup time LOW
An to CPAB or Bn to CPBA
see Figure 10
2.4
0.7
-
ns
An to LEAB with CPAB LOW or
Bn to LEBA with CPBA LOW
see Figure 10
2.3
0.9
-
ns
An to LEAB with CPAB HIGH or
Bn to LEBA with CPBA HIGH
see Figure 10
2.4
0.8
-
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - 74LVT16500A_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16500ADGG PHILIPS-74LVT16500ADGG Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16500ADGG NEXPERIA-74LVT16500ADGG Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16500ADL PHILIPS-74LVT16500ADL Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16500ADL NEXPERIA-74LVT16500ADL Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
More results

Descripción similar - 74LVT16500A_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
74LVT16501A PHILIPS-74LVT16501A_15 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
Texas Instruments
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI1-SN54ALVTH16601_08 Datasheet
468Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com