Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA-PLCC28-Z-P-T-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

No. de pieza CA-PLCC28-Z-P-T-01
Descripción Electrónicos  CARRIER ADAPTOR 28 position PLCC ZIF socket with test points to 28 position PLCC plug.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-PLCC28-Z-P-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-PLCC28-Z-P-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.500"
1.500"
0.867"
0.191"
0.901"
© 1998 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Side View
Top View
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
Date: 4/21/98
CA-PLCC28-Z-P-T-01 Drawing
Rev: B
Status: released
File:CA-PLCC28-Z-P-T-01 Dwg
Modified:
Scale: 2:1
Drawing by: P. LeBeau
Pins: Material- Brass Alloy 360 1/2 hard; finish- 10µ"
Au over 50µ" Ni (min.).
2
Leads: material- BeCu Alloy 194; plating- 80/20 SnPb.
Substrate: 0.0625"±0.007" FR4/G10 or equivalent high
temp material. 1/2 oz. Cu clad. SnPb plating
Test points: material- Phosphor Bronze; plating- Sn
over 50µ" Ni. Gold flash on contact end.
5
4
1
2
5
4
1
Description: CARRIER ADAPTOR
28 position PLCC ZIF socket with test points to 28 position PLCC plug.


Número de pieza similar - CA-PLCC28-Z-P-T-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
CA-PLCC20-Z-J-T-01 IRONWOOD-CA-PLCC20-Z-J-T-01 Datasheet
23Kb / 1P
   PLCC Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC20-Z-M-T-01 IRONWOOD-CA-PLCC20-Z-M-T-01 Datasheet
21Kb / 1P
   Carrier Adapter 20 Position PLCC ZIF Socket with test points to mini-grid array interface. Pin mapping is 1:1.
More results

Descripción similar - CA-PLCC28-Z-P-T-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
CA-PLCC084-Z-P-T-01 IRONWOOD-CA-PLCC084-Z-P-T-01 Datasheet
30Kb / 1P
   CARRIER ADAPTOR 84 position PLCC ZIF socket with test points to 84 position PLCC plug.
CA-PLCC84-Z-C-T-01 IRONWOOD-CA-PLCC84-Z-C-T-01 Datasheet
24Kb / 1P
   PLCC Carrier Adaptor 84 position PLCC ZIF socket to 84 position PLCC clip with test points.
CA-PLCC68-D-P-T-01 IRONWOOD-CA-PLCC68-D-P-T-01 Datasheet
62Kb / 1P
   CARRIER ADAPTOR: 68 position PLCC socket with test points to 68 position PLCC socket plug.
CA-PLCC44-D-J-T-01 IRONWOOD-CA-PLCC44-D-J-T-01 Datasheet
31Kb / 1P
   Carrier Adaptor (CA): 44 position PLCC production socket with test points to 44 position PLCC J leaded SM foot.
CA-PLCC068-D-J-T-01 IRONWOOD-CA-PLCC068-D-J-T-01 Datasheet
37Kb / 1P
   CARRIER ADAPTOR 68 position PLCC production socket with test points to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC052-D-J IRONWOOD-CA-PLCC052-D-J Datasheet
24Kb / 1P
   Carrier Adaptor (CA): 52 position PLCC Production socket with test points to 52 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC84-Z-M-T-01 IRONWOOD-CA-PLCC84-Z-M-T-01 Datasheet
24Kb / 1P
   Carrier Adapter 84 Position PLCC ZIF Socket with test points to mini-grid array interface.
CA-PLCC68-D-C-T-01 IRONWOOD-CA-PLCC68-D-C-T-01 Datasheet
36Kb / 1P
   Carrier Adaptor (CA): 68 position PLCC production socket with test points to 68 position PLCC clip base. 1:1 pin mapping.
CA-PLCC32-Z-C-T-01 IRONWOOD-CA-PLCC32-Z-C-T-01 Datasheet
31Kb / 1P
   BGA Prototyping Adaptor 32 position PLCC ZIF socket with test points to Clip bottom interface.
CA-PLCC52-Z-M-T-01 IRONWOOD-CA-PLCC52-Z-M-T-01 Datasheet
41Kb / 1P
   Carrier Adapter 52 Position PLCC ZIF Socket with test points to mini-grid array interface.
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com