Nombre de pieza
         Descripción
2SC2063

 RF Amplifier Epitaxial Planar NPN Silicon Transistors ( 4 Page)


ROHM
100% 
Zoom Out Zoom In
   
 4 page
background image
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CPH6519NPN Epitaxial Planar Silicon Composite Transistors Low-Frequency General-Purpose Amplifier Driver Applications 1 2 3 4 Sanyo Semicon Device
CSC3936NPN SILICON PLANAR EPITAXIAL TRANSISTORS 1 2 3 Continental Device India Limited
2SC3302TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF-UHF BAND LOW NOISE AMPLIFIER APPLICATION 1 2 3 Toshiba Semiconductor
2SC6023NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications 1 2 3 4 5 MoreSanyo Semicon Device
HN9014NPN Silicon Epitaxial Planar Transistor for switching and AF amplifier applications       1 2 3 4 5 Semtech Corporation
2SA1317PNP/NPN Epitaxial Planar Silicon Transistors 1 2 3 Sanyo Semicon Device
2SD1536MEpitaxial Planar NPN Silicon Darlington Transistors 1 List of Unclassifed Manufacturers
CPH3221PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
CSA970CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS 1 2 3 4 5 Continental Device India Limited
2SC6043NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device