Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA3836 Datasheet(PDF) 4 Page - Rohm

No. de pieza BA3836
Descripción Electrónicos  Vocal fader IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA3836 Datasheet(HTML) 4 Page - Rohm

  BA3836 Datasheet HTML 1Page - Rohm BA3836 Datasheet HTML 2Page - Rohm BA3836 Datasheet HTML 3Page - Rohm BA3836 Datasheet HTML 4Page - Rohm BA3836 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Multimedia ICs
BA3836
Circuit operation
Mode table (A: pin 14, B: pin 15, C: pin 16)
Mute
Vocal fader
Sound multiplexing
Through
Sound multiplexing
Vocal fader
Sound multiplexing
L + R
A
B
C
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
LOUT
ROUT
TK
MUTE
VF
L
L
KC
KC
KC
KC
MUTE
VF
L
R
KC
KC
KC
KC
MUTE
VF
L
L
R
VF
L
L + R
MODE
0: 0V
1: 5V
VF: Vocal fader output
KC: Signal passed through key controller
(1) Microphone output is not muted during muting (ABC = 000 or 100).
(2) For the gain and relative phase, see block diagram.
1) L / R input and output in the through mode are synchronous with a gain of 14dB.
2) L / R input and TK output in the key controller mode are synchronous with a gain of 8dB.
3) L / R output and FK input in the key controller mode are synchronous with a gain of 6dB.
4) MIC input and L / R output are negative phase with a gain of 8dB.


Número de pieza similar - BA3836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F-E2 ROHM-BA3830F-E2 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F_11 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Descripción similar - BA3836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3837 ROHM-BA3837 Datasheet
138Kb / 11P
   Vocal fader IC
BH3810FS ROHM-BH3810FS Datasheet
122Kb / 9P
   Vocal fader IC with input selector
BA7726AS ROHM-BA7726AS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com