Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA3836 Datasheet(PDF) 1 Page - Rohm

No. de pieza BA3836
Descripción Electrónicos  Vocal fader IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA3836 Datasheet(HTML) 1 Page - Rohm

  BA3836 Datasheet HTML 1Page - Rohm BA3836 Datasheet HTML 2Page - Rohm BA3836 Datasheet HTML 3Page - Rohm BA3836 Datasheet HTML 4Page - Rohm BA3836 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Multimedia ICs
Vocal fader IC
BA3836
Realizes karaoke functionality by enabling you to erase only the vocals from commercially available music software.
Applications
Mini-components, radio cassette players, car stereos,
karaoke sets
Features
1) Vocal fader functions (erase vocals from commer-
cially available music software) all on one chip.
2) Has internal secondary active LPF to enable a high-
degree of vocal cancellation (synchronous rejection
ratio) while retaining the same feeling.
3) Three control pins for switching between 4 modes:
through, vocal fader, sound multiplexing, and mute.
4) Key controller input and internal switches.
5) Internal microphone amplifier.
6) Low noise and low distortion.
7) Few external components.
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
VCC Max.
Pd
Topr
Tstg
18
10001
– 40 ~ + 85
– 55 ~ + 125
V
mW
°C
°C
1 Reduced by 10mW for each increase in Ta of 1°C over 25°C when mounted.
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Unit
Max.
Typ.
Min.
Power supply voltage
VCC
5.4
10
—V


Número de pieza similar - BA3836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F-E2 ROHM-BA3830F-E2 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F_11 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Descripción similar - BA3836

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3837 ROHM-BA3837 Datasheet
138Kb / 11P
   Vocal fader IC
BH3810FS ROHM-BH3810FS Datasheet
122Kb / 9P
   Vocal fader IC with input selector
BA7726AS ROHM-BA7726AS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com