Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA3888S Datasheet(PDF) 5 Page - Rohm

No. de pieza BA3888S
Descripción Electrónicos  High-definition sound processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA3888S Datasheet(HTML) 5 Page - Rohm

  BA3888S Datasheet HTML 1Page - Rohm BA3888S Datasheet HTML 2Page - Rohm BA3888S Datasheet HTML 3Page - Rohm BA3888S Datasheet HTML 4Page - Rohm BA3888S Datasheet HTML 5Page - Rohm BA3888S Datasheet HTML 6Page - Rohm BA3888S Datasheet HTML 7Page - Rohm BA3888S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
441
Audio ICs
BA3888S
The input signal is separated into three regions : bass
(20Hz to 150Hz), middle (150Hz to 2.4kHz) and treble
(2.4kHz to 20kHz). These regions are then joined again
with the middle and treble regions phase shifted -180
_
and -360
_ respectively with respect to the bass signal.
This phase shift adjusts the delay time characteristic for
each band and minimizes the distortion of the rising sec-
tion of the audio signal.
Amplitude compensation (harmonic compensation)
To maintain appropriate auditory balance for the treble
region that is made up of harmonic components, a high-
speed detector and high-performance VCA circuit are
used for amplitude control of the treble component. The
amount of compensation is determined from a calcula-
tion performed based on the DC level input to the CTL
pin, and the DC level detected from the input signal. The
internal control signal obtained from this calculation com-
pensates the amplitude of the treble component input to
the VCA. This amplitude compensation recovers the har-
monic component, and improves the reproduction clarity
(definition level) of instruments and vocals.
Bass boost
To maintain good balance with the dynamically changing
treble component, it is possible to boost the bass compo-
nent. The amount of bass boost can be set in the range
0dB to 9dB by connecting a resistor between pins 16 and
17. When pins 16 and 17 are not connected, the bass
boost is 0dB, (Typ.), and when they are shorted, the bass
boost is at its maximum value of 9dB.
Noise gate
A high-cut filter is provided to continuously vary the
amount of attenuation depending on the input level, and
reduce the hiss from tape media that is audible at low vol-
ume or on blank sections of tape. This means, that at nor-
mal levels, the attenuation of the high-cut filter is minimal,
and almost no audio information is lost. As the level be-
comes smaller, the attenuation of the high-cut filter grad-
ually increases to cut hiss in a natural sounding way.
Mode switch
The DC voltage on the CTL pin can be used to switch the
IC between processing mode and bypass mode. When
processing mode is selected, the audio signal is en-
hanced using the compensation circuits described above
before being output. When bypass mode is selected, the
signal bypasses all of the compensation circuits, and
only passes through a buffer amplifier before output.


Número de pieza similar - BA3888S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3880AFS ROHM-BA3880AFS Datasheet
126Kb / 9P
   High-definition sound processor
BA3880AS ROHM-BA3880AS Datasheet
126Kb / 9P
   High-definition sound processor
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
BA3884 ROHM-BA3884 Datasheet
113Kb / 9P
   High-definition sound processor
BA3884F ROHM-BA3884F Datasheet
113Kb / 9P
   High-definition sound processor
More results

Descripción similar - BA3888S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3880AS ROHM-BA3880AS Datasheet
126Kb / 9P
   High-definition sound processor
BA3884F ROHM-BA3884F Datasheet
113Kb / 9P
   High-definition sound processor
BA3880S ROHM-BA3880S Datasheet
109Kb / 10P
   High-definition sound processor
logo
C-Media Electronics
CM6632A CMEDIA-CM6632A Datasheet
363Kb / 15P
   USB 2.0 High-Definition Audio Processor
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com