Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA44W12 Datasheet(PDF) 3 Page - Rohm

No. de pieza BA44W12
Descripción Electrónicos  Dual output voltage regulator with power saving
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA44W12 Datasheet(HTML) 3 Page - Rohm

  BA44W12 Datasheet HTML 1Page - Rohm BA44W12 Datasheet HTML 2Page - Rohm BA44W12 Datasheet HTML 3Page - Rohm BA44W12 Datasheet HTML 4Page - Rohm BA44W12 Datasheet HTML 5Page - Rohm BA44W12 Datasheet HTML 6Page - Rohm BA44W12 Datasheet HTML 7Page - Rohm BA44W12 Datasheet HTML 8Page - Rohm BA44W12 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BA44W12SAT
Regulator ICs
!
!
!
!
Input / output circuits
CTL (5pin)
GND (3pin)
25k
25k
OUT1, 2
VCC (2pin)
1, 4pin
10.8k (1pin)
10.8k (4pin)
2k
GND (3pin)
!
!
!
!
Electrical characteristics (unless otherwise noted, Ta=25
°C, VCC=13.0V)
Parameter
Symbol
Min.
IST
Ib
VO1
∆VO1
IO1
R.R1
Reg.I1
Reg.L1
IOS1
VO2
∆VO2
IO2
R.R2
Reg.I2
Reg.L2
IOS2
Vth1
Vth2
IIN
-
-
7.6
-
1.0
-
-
-
-
7.6
-
500
-
-
-
-
2.0
-
-
Typ.
0
3.0
8.0
0.3
-
55
50
100
150
8.0
0.3
-
60
50
50
100
-
-
150
Max.
Unit
10
µA
5.0
mA
8.4
V
0.5
V
-A
-dB
100
mV
150
mV
-mA
8.4
V
0.5
V
-mA
-dB
100
mV
100
mV
-mA
-V
0.8
V
-
µA
Conditions
Test circuit
Fig.4
Fig.4
Fig.1
Fig.3
Fig.1
Fig.2
Fig.1
Fig.1
Fig.5
Fig.1
Fig.3
Fig.1
Fig.2
Fig.1
Fig.1
Fig.5
Fig.6
Fig.6
Fig.7
Power save supply current
Bias current
<8V output section> (Output 1)
Output voltage 1
Minimum I / O voltage differential 1
Output current capacity 1
Ripple rejection ratio 1
Input stabillty 1
Load regulation 1
Output short-circuit current 1
<8V output section> (Output 2)
Output voltage 2
Minimum I / O voltage differential 2
Ripple rejection ratio 2
Output current capacity 2
Input stabillty 2
Load regulation 2
Output short-circuit current 2
<CTL section>
ON mode voltage
OFF mode voltage
Input high level current
Note) All the characteristic values are measured with a 0.33
µF-capacitor connected the input pin and 22µF-capacitor connected to the output pin.
Measurements are made by using a plus (tw
≤10ms, duty cycle≤5%) in all cases but noise voltage and the ripple rejection ratio.
OFF mode
ON mode
IO1=500mA
IO1=500mA VCC=7.6V
IO1=500mA, f=120Hz
eIN=1Vrms
VCC=9
→25V, IO=500mA
IO=5mA
→1A
VCC=25V
IO2=350mA
IO2=350mA VCC=7.6V
IO2=350mA, f=120Hz
eIN=1Vrms
VCC=9
→25V, IO=350mA
IO=5mA
→500mA
VCC=25V
Output ACTIVE MODE
Output OFF MODE
Vth=5V


Número de pieza similar - BA44W12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA4402 ROHM-BA4402 Datasheet
141Kb / 5P
   FM FRONT END
BA4403 ROHM-BA4403 Datasheet
141Kb / 5P
   FM FRONT END
BA4404 ROHM-BA4404 Datasheet
141Kb / 5P
   FM FRONT END
BA4405 ROHM-BA4405 Datasheet
141Kb / 5P
   FM FRONT END
BA4408F ROHM-BA4408F Datasheet
248Kb / 6P
   ICS for audio Applications
More results

Descripción similar - BA44W12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
BA41W12SAT ROHM-BA41W12SAT Datasheet
74Kb / 9P
   Dual output voltage regulator with power saving
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
BA61W12ST ROHM-BA61W12ST Datasheet
121Kb / 9P
   Dual output voltage regulator with power saving
BA51W12SAT ROHM-BA51W12SAT Datasheet
110Kb / 9P
   Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com