Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA51W12 Datasheet(PDF) 5 Page - Rohm

No. de pieza BA51W12
Descripción Electrónicos  Dual output voltage regulator with power saving
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA51W12 Datasheet(HTML) 5 Page - Rohm

  BA51W12 Datasheet HTML 1Page - Rohm BA51W12 Datasheet HTML 2Page - Rohm BA51W12 Datasheet HTML 3Page - Rohm BA51W12 Datasheet HTML 4Page - Rohm BA51W12 Datasheet HTML 5Page - Rohm BA51W12 Datasheet HTML 6Page - Rohm BA51W12 Datasheet HTML 7Page - Rohm BA51W12 Datasheet HTML 8Page - Rohm BA51W12 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BA51W12SAT
Regulator ICs
500mA
350mA
22
µ
22
µ
0.33
µ
VCC
OUT1
OUT2
5V
GND
CTL
VCC
+
+
V
V
V
V
Fig.3 Circuit for measuring minimum I / O voltage difference
VCC=8.55V
when
measuring minimum I / O voltage difference 1
VCC=4.75V
when
measuring minimum I / O voltage difference 2
0.33
µ
22
µ
22
µ
OUT1
OUT2
VCC
5V
VCC
GND
CTL
A
+
+
Fig.4 Circuit for measuring bias current power supply current
VCC=14V, IO=0mA, VCTL=5V
when measuring bias current
VCC=14V, IO=0mA, VCTL=0V
when measuring power save current
0.33
µ
VCC=25V
5V
22
µ
OUT1
OUT2
GND
CTL
VCC
22
µ
+
+
A
A
Fig.5 Circuit for measuring output short-circuit current


Número de pieza similar - BA51W12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
More results

Descripción similar - BA51W12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
BA44W12SAT ROHM-BA44W12SAT Datasheet
109Kb / 9P
   Dual output voltage regulator with power saving
BA41W12SAT ROHM-BA41W12SAT Datasheet
74Kb / 9P
   Dual output voltage regulator with power saving
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
BA61W12ST ROHM-BA61W12ST Datasheet
121Kb / 9P
   Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com