Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6110 Datasheet(PDF) 5 Page - Rohm

No. de pieza BA6110
Descripción Electrónicos  Voltage controlled operational amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6110 Datasheet(HTML) 5 Page - Rohm

  BA6110 Datasheet HTML 1Page - Rohm BA6110 Datasheet HTML 2Page - Rohm BA6110 Datasheet HTML 3Page - Rohm BA6110 Datasheet HTML 4Page - Rohm BA6110 Datasheet HTML 5Page - Rohm BA6110 Datasheet HTML 6Page - Rohm BA6110 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BA6110FS
Standard ICs
Fig.3 Voltage-controlled amplifier (electronic volume control)
RIN
150k
9
10k
100k
(Offset adjustment)
VIN
RIN
10k
330k
VR
BA6110FS
11
12
1
7
15
5
3
14
OUT
VCC = 15V
R0 = 27k
30k
ICONTROL
VEE = – 15V
11
3
200
VIN
100k
BA6110FS
12
5
1
9
7
IC
VC
15
14
OUT
VCC = 15V
VEE = – 15V
150pF
R
100k
20k
Fig.4 Voltage control low pass filter
3
200
100k
VIN
BA6110FS
1
7
VC
15
14
VCC 15V
ICONTROL
R
R
VEE
15V
9
5
11
12
3
RA
200
100k
100k
BA6110FS
1
7
15
14
V
200
20k
9
5
11
12
2C
200pF
C 100pF
RA
200
Fig.5 Voltage-controlled secondary low pass filter


Número de pieza similar - BA6110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BA611 ETC1-BA611 Datasheet
163Kb / 1P
   Silicljeve planarne signalne diode Silicon planar signal diodes
More results

Descripción similar - BA6110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SSM2014 ETC-SSM2014 Datasheet
359Kb / 10P
   OPERATIONAL VOLTAGE CONTROLLED ELEMENT
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
   VOLTAGE CONTROLLED AMPLIFIER
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
[Old version datasheet]   High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
   High Voltage Operational Amplifier
11/1/2021
logo
Microsemi Corporation
SG143 MICROSEMI-SG143_1 Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM143 NSC-LM143 Datasheet
228Kb / 12P
   High Voltage Operational Amplifier
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
Microsemi Corporation
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com