Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6110 Datasheet(PDF) 6 Page - Rohm

No. de pieza BA6110
Descripción Electrónicos  Voltage controlled operational amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6110 Datasheet(HTML) 6 Page - Rohm

  BA6110 Datasheet HTML 1Page - Rohm BA6110 Datasheet HTML 2Page - Rohm BA6110 Datasheet HTML 3Page - Rohm BA6110 Datasheet HTML 4Page - Rohm BA6110 Datasheet HTML 5Page - Rohm BA6110 Datasheet HTML 6Page - Rohm BA6110 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BA6110FS
Standard ICs
!
!
!
!Electrical characteristic curves
– 40
– 30
– 20
– 10
0
10
20
2
5
10
20
50 100 200 500 1000
CONTROL CURRENT: ICONTROL (
µA)
15V
200
µA
+ 15V
VIN
ID
VO
AV
VIN
VO
R0 = 27k
ICONTROL
+
VCC = 15V
VEE = – 15V
RIN = 10k
ID = 200
µA
For diode bias of 200
µA
R0 = 27k
R0 = 50k
R0 = 10k
Fig.6 Open loop gain control
current characteristics
0.02
0.05
0.1
0.2
0.5
1
2
5
10
2
1
5
10
20
50 100 200
5001000
CONTROL CURRENT: ICONTROL (
µA)
VCC = 15V
VEE = – 15V
RIN = 10k
ID = 200
µA
With diode bias
R0 = 27k
R0 = 50k
R0 = 10k
Fig.7 THD 0.5% output control
current characteristics
fin = 1kHz
Output when THD = 0.5%
0
– 10
10
20
30
40
50
60
2
1
5
10
20
50 100 200
500 1000
CONTROL CURRENT: ICONTROL (
µA)
VCC = 15V
VEE = – 15V
RIN = 10k
Io = 0
No diode bias
R0 = 50k
R0 = 10k
R0 = 27k
R0 = 270k
Fig.8 Open loop gain control current
characteristics
60
70
80
5
10
20
50 100 200
500 1mA
CONTROL CURRENT: ICONTROL (
µA)
VCC = 15V
VEE = – 15V
RIN = 10k
RO = 27k
fin = 1kHz
ID = 200
µA
IO = 0
NOISE B.P.F20 ~ 20kHz
SN ratio when THD = 0.5%
Fig.9 SN ratio vs. control current
60
70
80
510
20
50 100 200
500 1mA
BIAS CURRENT: ID (
µA)
VCC = 15V
VEE = – 15V
RO = 27k
fin = 1kHz
NOISE B.P.F20Hz ~ 20kHz
ICONTROL = 200
µA
SN ratio when THD = 0.5%
RIN =
10k
RIN = 2k
ICONTROL = 500
µA
ICONTROL = 200
µA
Fig.10 SN ratio vs. diode bias current
RIN = 50k
– 14
– 12
– 10
– 8
– 6
– 4
– 2
0
2
4
6
8
10
12
15
± 2
± 4
± 6
± 8 ± 10 ± 12 ± 14
POWER SUPPLY VOLTAGE: VCC (V)
R0 =
Pin 8 voltage
VOM
VOM
Fig.11 Maximum output voltage vs.
power supply voltage
– 28
– 24
– 20
– 16
– 12
– 8
– 4
0
100 200 500 1k 2k
5k 10k 20k
100k
50k
FREQUENCY: f (Hz)
VCC = 15V
VEE = – 15V
6pin C = 150pF
ICONTROL = 100
µA
ICONTROL = 10
µA
6dB / OCT
Fig.12 Low pass filter characteristics
– 28
– 24
– 20
– 16
– 12
– 8
– 4
0
100 200 500 1k 2k
5k 10k 20k
100k
50k
FREQUENCY: f (Hz)
VCC = 15V
VEE = – 15V
ICONTROL = 100
µA
ICONTROL = 10
µA
– 12dB / OCT
Fig.13 Secondary low pass filter
characteristics


Número de pieza similar - BA6110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BA611 ETC1-BA611 Datasheet
163Kb / 1P
   Silicljeve planarne signalne diode Silicon planar signal diodes
More results

Descripción similar - BA6110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SSM2014 ETC-SSM2014 Datasheet
359Kb / 10P
   OPERATIONAL VOLTAGE CONTROLLED ELEMENT
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
   VOLTAGE CONTROLLED AMPLIFIER
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
[Old version datasheet]   High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
   High Voltage Operational Amplifier
11/1/2021
logo
Microsemi Corporation
SG143 MICROSEMI-SG143_1 Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM143 NSC-LM143 Datasheet
228Kb / 12P
   High Voltage Operational Amplifier
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
Microsemi Corporation
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
   HIGH-VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com