Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6162 Datasheet(PDF) 6 Page - Rohm

No. de pieza BA6162
Descripción Electrónicos  Reset IC with battery backup function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6162 Datasheet(HTML) 6 Page - Rohm

  BA6162 Datasheet HTML 1Page - Rohm BA6162 Datasheet HTML 2Page - Rohm BA6162 Datasheet HTML 3Page - Rohm BA6162 Datasheet HTML 4Page - Rohm BA6162 Datasheet HTML 5Page - Rohm BA6162 Datasheet HTML 6Page - Rohm BA6162 Datasheet HTML 7Page - Rohm BA6162 Datasheet HTML 8Page - Rohm BA6162 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Memory ICs
BA6129AF / BA6162 / BA6162F
Circuit operation
These ICs have two distinct functions, a logic output function and a power supply switching function.
The logic output circuit consists of the following:
(1) Reset output (NPN Tr open collector)
(2) CS output
(PNP Tr open collector + pull-down resistor)
(3) CSB output
(NPN Tr open collector + pull-up resistor)
The power supply switching circuit consists of a PNP
power transistor and an SBD (Schottky barrier diode).
The normal power supply VCC and the battery backup
power supply (VBAT) are both connected to the switch-
ing circuit. When the PNP power transistor is turned on
and off, the IC power is switched from the normal
power supply to the battery backup power supply, and
vice versa.
The power supply voltage detection circuit consists of a
standard voltage source VREF and a hysteresis com-
parator. The power supply VCC is detected using a split
resistance. When the power supply voltage drops
below the detection voltage (BA6129AF: VS = 3.5Vtyp.
when VCC drops and VS + 0.1Vtyp. when VCC rises;
BA6162 / F: VS = 4.2Vtyp. when VCC drops, and VS +
0.1Vtyp. when VCC rises), the Reset signal (Low) and
the CS signal (CS-Low, CSB-High) are output by the
logic output function, and the SRAM (or other memory
device) is switched to backup mode.
If the power supply VCC drops further and goes below
the switching voltage (BA6129AF and BA6162 / F: VB =
3.3Vtyp. when VCC drops, VB + 0.1Vtyp. when VCC
rises), the SBD develops a forward bias because the
PNP power transistor is off. The power supply output
VO switches from the power supply VCC to the battery
power supply (VBAT).
When the normal power supply VCC rises, the above
process is reversed.
Fig. 2 Timing chart
VCC
VO
RESET
CSB
CS
5V
OV
(BA6129AF) (BA6162 / F)
[
GND]
[
GND]
[
GND]
VS [3.5VTyp.] [4.2VTyp.]
VB
OV
VRESH
VRESL
VCSH
VCSL
VCSBH
VCSBL
[3.3VTyp.]
[5V—VSAT1]
[3V—VSAT2]
[
VCC]
[
VCC]
[
VO]
VO (Vcc)
VO (BAT)


Número de pieza similar - BA6162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6161 ROHM-BA6161 Datasheet
81Kb / 5P
   Switching regulator for electronic tuning
BA6161F ROHM-BA6161F Datasheet
81Kb / 5P
   Switching regulator for electronic tuning
logo
List of Unclassifed Man...
BA6161F ETC2-BA6161F Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA6161N ROHM-BA6161N Datasheet
81Kb / 5P
   Switching regulator for electronic tuning
More results

Descripción similar - BA6162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
   IC for System Reset (battery backup)
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com