Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6386K Datasheet(PDF) 11 Page - Rohm

No. de pieza BA6386K
Descripción Electrónicos  Preservo amplifier for CD players
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6386K Datasheet(HTML) 11 Page - Rohm

Back Button BA6386K Datasheet HTML 5Page - Rohm BA6386K Datasheet HTML 6Page - Rohm BA6386K Datasheet HTML 7Page - Rohm BA6386K Datasheet HTML 8Page - Rohm BA6386K Datasheet HTML 9Page - Rohm BA6386K Datasheet HTML 10Page - Rohm BA6386K Datasheet HTML 11Page - Rohm BA6386K Datasheet HTML 12Page - Rohm BA6386K Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
523
Optical disc ICs
BA6386K
(4)
DET block
When defect is high, the bottom hold (long) charging cur-
rent is 50
µA. The scratch depth (VSC) can be adjusted by
changing the resistance at pin 9.
The peak hold voltage will not go below (GND
) 0.9V)
and the bottom hold voltage will not go below (VCC
*
0.9V).
1.2
R9
)200
VSC =
4k


Número de pieza similar - BA6386K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
More results

Descripción similar - BA6386K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
BA6376K ROHM-BA6376K Datasheet
284Kb / 8P
   Preservo amplifiers for CD players
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
logo
LSI Computer Systems
BA5817FM LSI-BA5817FM Datasheet
197Kb / 3P
   IC for CD Players
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com