Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6438S Datasheet(PDF) 4 Page - Rohm

No. de pieza BA6438S
Descripción Electrónicos  3-phase motor driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6438S Datasheet(HTML) 4 Page - Rohm

  BA6438S Datasheet HTML 1Page - Rohm BA6438S Datasheet HTML 2Page - Rohm BA6438S Datasheet HTML 3Page - Rohm BA6438S Datasheet HTML 4Page - Rohm BA6438S Datasheet HTML 5Page - Rohm BA6438S Datasheet HTML 6Page - Rohm BA6438S Datasheet HTML 7Page - Rohm BA6438S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BA6438S
Motor driver ICs
!Circuit operation
(1) Pseudo-linear output and torque ripple cancellation
The IC generates a trapezoidal (pseudo-linear) output
current, whose waveform phase is 30 degrees ahead of
that of the Hall input voltage (Fig. 1).
.
30
°
Hall input
Output current
Fig. 1
The trapezoidal waveform of output current would create
intermittence in the magnetic field generated by the 3-
phase motor, and would result in an irregular rotation of
the motor. To prevent this, the output waveform is ob-
tained by superimposing a triangular wave on the trape-
zoidal wave (Fig. 2). This process is called torque ripple
cancellation.
Fig. 2
(2) Torque control and reversal brake
The output current can be controlled by adjusting the
voltage applied to the torque control pins (pins 16 and 17).
These pins are the inputs to a differential amplifier. A ref-
erence voltage between 2.3 ~ 3.0V (2.5V recommended)
is applied to pin 16.
0
Output current
Offset
Pin 16
reference voltage (2.5 V)
Pin 17 voltage
Dead zone (100 mV typically)
Fig. 3
A brake is applied to the motor as described in the
following.When the motor is running, pin 17 is given a
negative potential with respect to the reference potential. If
the pin 17 potential becomes positive, the IC detects the
rise of pin 17 potential above the reference potential and
activates the motor direction detecting circuit.
The motor direction detecting circuit sends a signal to the
motor direction setting circuit to reverse the motor direc-
tion. This causes a braking torque that depends on the
pin 17 potential, so that the motor quickly reduces its
speed. At the same time, the positive pin 17 potential is
shifted to the reference potential, so that the motor stops
smoothly.
(3) Output current sensing and torque limitation
Pin 2 is the ground pin for the output stage. To sense the
output current, a resistor (0.5
Ω recommended) is con-
nected between pin 2 and the ground. The output current
is sensed by applying the voltage developed across this
resistor to pin 22 as a feedback.
The output current can be limited by adjusting the voltage
applied to pin 20. The current is limited when pin 20
reaches the same potential as pin 22. The output current
(IMAX. ) under this condition is given by:
IMAX.
=
V20P(TL
−CSofs)
R2P
where R2P is the value of the resistor connected between
pin 2 and the ground, V20P is the voltage applied to pin 20,
and (TL–CSofs ) is the offset between the TL and CS pins.
24pin
1pin
3pin
23pin
ATC
2pin
VM
Fig.4 Output circuit


Número de pieza similar - BA6438S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6431S ROHM-BA6431S Datasheet
209Kb / 6P
   3-Phase DD Motor Drivers
BA6432S ROHM-BA6432S Datasheet
209Kb / 6P
   3-Phase DD Motor Drivers
logo
List of Unclassifed Man...
BA6435 ETC2-BA6435 Datasheet
2Mb / 31P
   SEMICONDUCTORS
BA6435S ETC2-BA6435S Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - BA6438S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
   3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
   3-phase motor driver
BA6860FS ROHM-BA6860FS Datasheet
611Kb / 11P
   3-phase motor driver
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
   3-Phase Motor Driver????
logo
Rohm
BA6463FP-Y ROHM-BA6463FP-Y Datasheet
104Kb / 7P
   3-phase motor driver
BA6444FP ROHM-BA6444FP Datasheet
179Kb / 11P
   3-phase motor driver
BA6870S ROHM-BA6870S Datasheet
135Kb / 7P
   3-phase motor driver
BA6872AFM ROHM-BA6872AFM Datasheet
149Kb / 11P
   3-phase motor driver and reversible motor driver
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com