Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6798 Datasheet(PDF) 6 Page - Rohm

No. de pieza BA6798
Descripción Electrónicos  4-channel BTL driver for CD players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6798 Datasheet(HTML) 6 Page - Rohm

  BA6798 Datasheet HTML 1Page - Rohm BA6798 Datasheet HTML 2Page - Rohm BA6798 Datasheet HTML 3Page - Rohm BA6798 Datasheet HTML 4Page - Rohm BA6798 Datasheet HTML 5Page - Rohm BA6798 Datasheet HTML 6Page - Rohm BA6798 Datasheet HTML 7Page - Rohm BA6798 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
379
Optical disc ICs
BA6798S
FApplication example
FOperation notes
(1)
The BA6798S has an internal thermal shutdown cir-
cuit. Output current is muted when the chip temperature
exceeds 175
_C (typically).
(2)
If the mute pin (pin 6) voltage is opened or lowered
below 0.5V, the output current will be muted. Pin 6 should
be pulled up above 2.0V during normal use.
(3)
The bias pin (pin 17) is muted when lowered below
1.4V (typically). Make sure it stays above 1.6V during
normal use.
(4)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage or supply volt-
age. In each case, only the drivers are muted. During
muting, the output pins remain at the internal bias volt-
age, roughly (VCC
*VF / 2).
(5)
The driver circuit shuts down when the supply volt-
age drops below 4.5V (typically), and starts up again
when the voltage rises above 4.7V (typically).
(6)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(7)
The capacitor between regulator output (pin 7) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.


Número de pieza similar - BA6798

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BA679 VISHAY-BA679 Datasheet
50Kb / 4P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
BA679 VISHAY-BA679 Datasheet
138Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD80
Rev. 1.6, 12-Sep-06
BA679 VISHAY-BA679 Datasheet
113Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.7, 05-Aug-10
BA679 VISHAY-BA679 Datasheet
83Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
BA679 VISHAY-BA679 Datasheet
81Kb / 4P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
More results

Descripción similar - BA6798

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
   4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
   4-channel BTL driver for CD players
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
   4-channel BTL driver for CD players
BA6297AFP ROHM-BA6297AFP Datasheet
107Kb / 6P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com