Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA6996FP Datasheet(PDF) 8 Page - Rohm

No. de pieza BA6996FP
Descripción Electrónicos  5-channel BTL driver for CD and MD Players
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA6996FP Datasheet(HTML) 8 Page - Rohm

Back Button BA6996FP Datasheet HTML 3Page - Rohm BA6996FP Datasheet HTML 4Page - Rohm BA6996FP Datasheet HTML 5Page - Rohm BA6996FP Datasheet HTML 6Page - Rohm BA6996FP Datasheet HTML 7Page - Rohm BA6996FP Datasheet HTML 8Page - Rohm BA6996FP Datasheet HTML 9Page - Rohm BA6996FP Datasheet HTML 10Page - Rohm BA6996FP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
509
Optical disc ICs
BA6996FP
FOperation notes
(1)
Setting the tray motor driver voltage (forward mode)
(2)
Mute functions
%Thermal shutdown&
The output current is muted when the chip temperature
exceeds 175
_C (typically).
%Supply voltage drop muting&
The internal circuits turn off when the supply voltage
drops below 4.3V (typically), and turn on again when it
rises above 4.5V (typically).
(3)
Muting occurs during thermal shutdown and when
the supply voltage or bias pin voltage drops. In each
case, only the driver is muted. The output pin voltage dur-
ing muting is the internal bias voltage, roughly VCC–VF / 2.
(4)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(5)
Connect the radiating fin to an external ground.


Número de pieza similar - BA6996FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BA6993 ETC2-BA6993 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA6995FP ROHM-BA6995FP Datasheet
160Kb / 8P
   5-channel BTL driver for CD players
BA6997 ROHM-BA6997 Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6997FM ROHM-BA6997FM Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
More results

Descripción similar - BA6996FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6796FP ROHM-BA6796FP Datasheet
214Kb / 11P
   5-channel BTL driver for CD players
BA6995FP ROHM-BA6995FP Datasheet
160Kb / 8P
   5-channel BTL driver for CD players
BA6795FP ROHM-BA6795FP Datasheet
204Kb / 11P
   5-channel BTL driver for CD players
BA6395AFP ROHM-BA6395AFP Datasheet
186Kb / 10P
   5-channel BTL driver for CD players
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
   PWM driver for CD and MD players
BH6504K ROHM-BH6504K Datasheet
271Kb / 15P
   PWM driver for CD and MD players
BH6511FS ROHM-BH6511FS Datasheet
140Kb / 8P
   4-channel PWM driver for CD and MD players
logo
Sanyo Semicon Device
LA6557H SANYO-LA6557H Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
logo
Rohm
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BH6518FS ROHM-BH6518FS Datasheet
164Kb / 7P
   4-channel PWM driver for CD and MD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com