Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7182 Datasheet(PDF) 4 Page - Rohm

No. de pieza BA7182
Descripción Electrónicos  2-channel PRE / REC amplifier with auto-tracking interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7182 Datasheet(HTML) 4 Page - Rohm

  BA7182 Datasheet HTML 1Page - Rohm BA7182 Datasheet HTML 2Page - Rohm BA7182 Datasheet HTML 3Page - Rohm BA7182 Datasheet HTML 4Page - Rohm BA7182 Datasheet HTML 5Page - Rohm BA7182 Datasheet HTML 6Page - Rohm BA7182 Datasheet HTML 7Page - Rohm BA7182 Datasheet HTML 8Page - Rohm BA7182 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Video ICs
BA7182AS
(unless otherwise noted, Ta = 25°C, VCC = 5.0V, f = 4.0MHz and IOAR = 36mAP-P)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
〈Recording system〉 (Pin 15: L)
Quiescent current
Recording AGC level
AGC control sensitivity
AGC frequency characteristic
2nd harmonic distortion
3rd harmonic distortion
Cross modulation distortion
Maximum output level
Recording current load characteristic
Mute attenuation ratio
Frequency characteristic
AGC mode holding voltage
AGC mode holding voltage
PB mode holding voltage
EE mode holding voltage
REC mode holding voltage
Note: dBc: dB below carrier (used to express relative level from carrier reference for convenience sake)
No signal
Pin 16 input = 400mVP-P, pin 8 output measurement
Pin 8 output level difference for f = 4.0MHz,
pin 16 input = 225mVP-P to 800mVP-P.
Pin 8 output level difference for f = 8.0 / 1.0MHz,
pin 16 input = 400mVP-P
Pin 16 input = 400mVP-P, 8.0MHz spurious.
Pin 16 input = 400mVP-P, 12.0MHz spurious,
guaranteed design value.
4.0MHz
± 630kHz spurious, guaranteed design value.
When pin 8 output 2nd harmonic distortion is – 30dB
Pin 8 output level difference for load L: 8.2 ~ 12
µH
Pin 8 output level difference for pin 15: M / H.
Pin 8 output level difference for f = 8.0 / 1.0MHz, AGC OFF
Pin 11 DC voltage to maintain recording AGC operation
Pin 11 DC voltage to maintain recording AGC stopped
Pin 15 DC voltage for PB mode
Pin 15 DC voltage for REC MUTE mode
Pin 15 DC voltage for REC mode
Measurement
circuit
72
108
mA
Fig.2
36
42
mAP-P
Fig.2
0.15
2
dB
Fig.2
0
2
dB
Fig.2
– 41
– 35
dBc
Fig.2
– 50
– 40
dBc
Fig.2
– 43
– 38
dBc
Fig.2
50
mAP-P
Fig.2
– 0.35
dB
Fig.2
– 44
– 38
dBc
Fig.2
– 7.8
– 10.3
dB
Fig.2
VCC
V
Fig.2
1.2
V
Fig.2
VCC
V
Fig.2
2.8
V
Fig.2
30
– 2
42
– 2
– 5.3
2.7
0
3.8
2.2
0
1.2
V
Fig.2
IOAR
∆IOAR
∆IOAF
2HDR
3HDR
CMDR
IOMR
∆IORL
MUR
∆IOEQ
VTH11H
VTH11L
VTH15H
VTH15M
VTH15L
Iq (R)


Número de pieza similar - BA7182

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA718 ROHM-BA718 Datasheet
187Kb / 3P
   Dual Operational Amplifiers
BA7180 ROHM-BA7180 Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AFS ROHM-BA7180AFS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7181 ROHM-BA7181 Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
More results

Descripción similar - BA7182

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7181FS ROHM-BA7181FS Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7184S ROHM-BA7184S Datasheet
120Kb / 8P
   4-channel PRE / REC amplifier with auto-tracking interface
BA7274S ROHM-BA7274S Datasheet
127Kb / 6P
   4-channel video-signal PRE/REC amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Sony Corporation
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
logo
Toshiba Semiconductor
TA1249F TOSHIBA-TA1249F Datasheet
335Kb / 9P
   2-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Unisonic Technologies
TA7784P UTC-TA7784P Datasheet
206Kb / 4P
   DUAL PRE-AMPLIFIER FOR AUTO-REVERSE
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com