Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7357S Datasheet(PDF) 9 Page - Rohm

No. de pieza BA7357S
Descripción Electrónicos  VIF / SIF signal processor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7357S Datasheet(HTML) 9 Page - Rohm

Back Button BA7357S Datasheet HTML 5Page - Rohm BA7357S Datasheet HTML 6Page - Rohm BA7357S Datasheet HTML 7Page - Rohm BA7357S Datasheet HTML 8Page - Rohm BA7357S Datasheet HTML 9Page - Rohm BA7357S Datasheet HTML 10Page - Rohm BA7357S Datasheet HTML 11Page - Rohm BA7357S Datasheet HTML 12Page - Rohm BA7357S Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Video ICs
BA7357S
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 9V, and P = 38.9MHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
ICC
〈Vreg〉
110
mA
96
Vreg
6.2
7.0
V
6.6
〈VIF〉
VVMin.
34
46
dB
µ
40
VVMax.
100
dB
µ
110
GR
62
dB
70
VP21
3.9
4.7
V
4.3
VVO
1.7
2.4
VP-P
2.0
VP21SY
1.7
2.3
V
2.0
DG
8%
2
DP
8
deg
3
GVOS
dB
33
45
M, B / G
D / K, I
28
45
I920
37
dB
50
S/ NV
47
dB
53
VWTH
4.7
5.3
V
5.0
VWCL
2.9
3.5
V
3.0
VBTH
1.1
1.7
V
1.4
VBCL
2.6
3.2
V
2.9
IP2SI
0.7
mA
1.2
〈AFT〉
VPIMax.
6.0
V
6.4
VPIMin.
0.8
V
0.3
Sf
35
mV / kHz
65
VAFTDET
1.2
V
VIDEF
2.9
3.6
V
3.3
Vi = 80dB
µ, AM87.5%MOD
Vi = 80dB
µ, AM87.5%MOD
20
LOG (VOS / VO0.2M)
P = 0, P / C = 4, P / S = 14dB
CW = 100dB
µ, AGCADJ = 100K
CW = 38.4MHz
CW = 39.4MHz
CW = 38.4MHz
CW = 38.4MHz
VVO = – 3dB point
VVO = + 1dB point
VVO =
± 3dB range
No signal, VP4 = Vreg
100% white video signal
3STEP video signal
Vi
= 90dB
µ, 100% white
CW
= 70dB
µ
frequency variation and pin
21 voltage variation
CW frequency variation
Supply current
Regulated voltage
Input sensitivity
Maximum allowable input level
AGC range
Quiescent video output voltage
Video detector output level
Synchronous signal tip voltage
Video output DG
Video output DP
Sound trap attenuation
CS beat level
Video output S / N
White noise threshold voltage
White noise clamping voltage
Black noise threshold voltage
Black noise clamping voltage
RFAGC maximum sink current
Maximum AFT voltage
Minimum AFT voltage
AFT detection sensitivity
AFT defeat starting voltage
AFT defeat voltage
CW = 80dB
µ
frequency variation
fCU
〈PLL〉
0.5
MHz
+ 0.9
fCL
– 0.5
MHz
– 0.9
fLU
0.6
MHz
+ 2.0
fLL
– 0.6
MHz
– 2.0
β
0.5
kHz / mV
1.3
PLL capture range 1
PLL capture range 2
PLL lock range 1
PLL lock range 2
VCO control sensitivity


Número de pieza similar - BA7357S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7356S ROHM-BA7356S Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
More results

Descripción similar - BA7357S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
logo
Panasonic Semiconductor
AN5160NK PANASONIC-AN5160NK Datasheet
184Kb / 3P
   VIF SIF VIDEO COLOR AND SYNCHRONOUS SIGNAL PROCESSOR IC
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
logo
Sanyo Semicon Device
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com