Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7606 Datasheet(PDF) 3 Page - Rohm

No. de pieza BA7606
Descripción Electrónicos  Video signal switcher
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7606 Datasheet(HTML) 3 Page - Rohm

  BA7606 Datasheet HTML 1Page - Rohm BA7606 Datasheet HTML 2Page - Rohm BA7606 Datasheet HTML 3Page - Rohm BA7606 Datasheet HTML 4Page - Rohm BA7606 Datasheet HTML 5Page - Rohm BA7606 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Multimedia ICs
BA7606 / BA7606F
Electrical characteristics (unless otherwise noted, Ta = 25°C and Vcc = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
5.0
5.5
V
ICC
15.0
23.0
mA
VomU
1.40
1.65
VomD
0.80
0.95
GV
– 0.9
0
dB
CT
– 65
dB
Gf
– 3
– 1
dB
VTH
2.0
2.5
3.0
V
Vct
0.75
2.2
V
VP-P
VP-P
f = 1MHz, VIN = 1VP-P
f = 4.43MHz, VIN = 1VP-P
10MHz / 1MHz, VIN = 1VP-P
0.5
1
Operating voltage
Supply current
Maximum output level U
Maximum output level D
Voltage gain
Interchannel crosstalk
Frequency characteristics
CTL pin switch level
Clamp input level
Note 1
Note 2
Refer to the mesurement circuit given in Fig. 1.
Note 1: Positive-side dynamic range from the clamp level
Note 2: Negative-side dynamic range from the clamp level
Reference date
Pin DC voltages (reference values)
1
2.96
9
2.96
2
4.91
10
4.97
3
1.54
11
2.96
4
0
12
4.91
5
1.54
13
5.00
6
1.54
14
2.96
7
4.91
15
0
8
2.96
16
2.96
Pin No.
DC voltage
DC voltage
Pin No.
Units: Vdc
Electrical characteristics
Parameter
1.20
1.54
1.95
Vdc
1.7M
—30—
Min.
Typ.
Max.
Unit
The input coupling capacitor values should be 0.1
µF to 1µF.
Use a clamp pulse of at least 1
µS (BA7606).
The pin 6 output impedance of the BA7606 is 130Ω
Pedestal clamp level
Input impedance (with clamp)
Output impedance


Número de pieza similar - BA7606

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
   Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
   Triple Circuits Video Signal Switchers
BA7606FS ROHM-BA7606FS Datasheet
160Kb / 5P
   Triple Circuits Video Signal Switchers
BA7606FS ROHM-BA7606FS Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
More results

Descripción similar - BA7606

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com