Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7649A Datasheet(PDF) 3 Page - Rohm

No. de pieza BA7649A
Descripción Electrónicos  Video signal switcher
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7649A Datasheet(HTML) 3 Page - Rohm

  BA7649A Datasheet HTML 1Page - Rohm BA7649A Datasheet HTML 2Page - Rohm BA7649A Datasheet HTML 3Page - Rohm BA7649A Datasheet HTML 4Page - Rohm BA7649A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Multimedia ICs
BA7649A / BA7649AF
Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
13.0
V
ICC
9.5
14.5
mA
Vom
3.0
3.5
VP-P
f = 1kHz, THD = 0.5%
GV
– 0.5
0
0.5
dB
f = 1MHz, VIN = 1.0VP-P
CT
– 65
dB
f = 4.43MHz,
VIN = 1.0VP-P
Gf
– 3.0
0
1.0
dB
VIN = 1.0VP-P
f = 10MHz / 1MHz,
VTH-A
1.0
2.0
3.0
V
VTH-B
1.0
2.0
3.0
V
VTH-C
1.0
2.0
3.0
V
——
Operating voltage
Supply current
Maximum output level
Voltage gain
Interchannel crosstalk
Frequency characteristics
CTL pin switching level A
CTL pin switching level B
CTL pin switching level C
Not designed for radiation resistance.
Measurement circuit
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Logic
SW1
50
OSC
1
µF
1
µF
1
2
SW5
50
OSC
1
µF
1
µF
1
2
SW4
50
OSC
1
µF
1
µF
1
2
SW3
VCC
50
OSC
1
µF
1
µF
1
2
SW2
50
OSC
1
µF
1
µF
1
2
SW6
VCC
1
2 3
SW8
VCC
1
2 3
SW7
VCC
1
2 3
47
µF
+
0.022
µF
A
Fig. 1
V
~
~
~
~
~


Número de pieza similar - BA7649A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7649AF ROHM-BA7649AF Datasheet
153Kb / 5P
   Single Circuit Wide Dynamic Range Video Signal Switchers
BA7649AF ROHM-BA7649AF_1 Datasheet
153Kb / 5P
   Single Circuit Wide Dynamic Range Video Signal Switchers
More results

Descripción similar - BA7649A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com