Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7746 Datasheet(PDF) 9 Page - Rohm

No. de pieza BA7746
Descripción Electrónicos  VCR Hi-Fi audio signal REC / PB amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7746 Datasheet(HTML) 9 Page - Rohm

Back Button BA7746 Datasheet HTML 4Page - Rohm BA7746 Datasheet HTML 5Page - Rohm BA7746 Datasheet HTML 6Page - Rohm BA7746 Datasheet HTML 7Page - Rohm BA7746 Datasheet HTML 8Page - Rohm BA7746 Datasheet HTML 9Page - Rohm BA7746 Datasheet HTML 10Page - Rohm BA7746 Datasheet HTML 11Page - Rohm BA7746 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Video ICs
BA7746S / BA7746FS
Control mode tables
(1) REC / PB control
Switch between REC and PB using pin 12.
REC / PB
H
REC
ON
OFF
ON
OFF
L
PB
OFF
ON
OFF
ON
REC + B SW
REC AMP
PRE AMP
HEAD SW (P)
Mode
Control pin
Function
(2) OVER REC control
Control for OVER REC (current emphasis) is done using pin 9.
When in OVER REC mode, the gain setting is recording
amplifier AGC level + 1.9dB.
H
L—
60.0mAP-P
48.2mAP-P
OVER REC
OVER REC
Mode
Function
REC AGC Level
Control pin
(3) REC MUTE control
Control for REC MUTE when recording is done using pin 8.
REC MUTE
REC AMP
H
REC MUTE
OFF
L—
ON
Mode
Control pin
Function
(4) EP / SP control
EP / SP control during playback is done using pin 4. When
EP is selected, the gain of the playback amplifier is increased
by 5dB over its normal setting.
EP / SP
H
EP
Typ. + 5dB
L
SP
Typ.
Mode
Function
PRE AMP gain
Control pin


Número de pieza similar - BA7746

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7745 ROHM-BA7745 Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
More results

Descripción similar - BA7746

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Panasonic Semiconductor
AN3316K PANASONIC-AN3316K Datasheet
26Kb / 2P
   Recording/Playback Amplifier IC for VCR Hi-Fi Audio
logo
Sony Corporation
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com