Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA7781K Datasheet(PDF) 4 Page - Rohm

No. de pieza BA7781K
Descripción Electrónicos  Stereo microphone amplifier for camcorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA7781K Datasheet(HTML) 4 Page - Rohm

  BA7781K Datasheet HTML 1Page - Rohm BA7781K Datasheet HTML 2Page - Rohm BA7781K Datasheet HTML 3Page - Rohm BA7781K Datasheet HTML 4Page - Rohm BA7781K Datasheet HTML 5Page - Rohm BA7781K Datasheet HTML 6Page - Rohm BA7781K Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Video ICs
BA7781K
Measurement circuit
2
1
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
15
14
13
11
10
9
25
27
28
29
30
31
32
EXT
INT
13dB
13dB
INT
EXT
+
15dB
EXT
EXT
BIAS
VCC
MIX
+
10dB
15dB
+
0.1
µ
10k 10.5k
0.1
µ
0.1
µ
12
12
2200p
0.1
µ
0.1
µ
0.1
µ
2200p
SW2
HPF IN
2.2
µ
+
1M
0.1
µ
0.1
µ
200k
200k
10
µ
+
10k 10.5k
1
2
MODE 24
SW1
MODE 1
HPF IN
L OUT
VCC
INV (11) IN
R OUT
EXT IN
INT IN
INT IN
EXT IN
GND
0.1
µ
10
µ
0.1
µ
30k
0.1
µ
10
µ
0.1
µ
Lch
Rch
+
+
UNITS
RESISTOR:
CAPACITOR: F
26
12
Fig. 1


Número de pieza similar - BA7781K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7780 ROHM-BA7780 Datasheet
144Kb / 10P
   Stereo zoom microphone amplifier for camcorders
BA7780KV ROHM-BA7780KV Datasheet
144Kb / 10P
   Stereo zoom microphone amplifier for camcorders
BA7786FP-Y ROHM-BA7786FP-Y Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
BA7787FS ROHM-BA7787FS Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
More results

Descripción similar - BA7781K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA7780KV ROHM-BA7780KV Datasheet
144Kb / 10P
   Stereo zoom microphone amplifier for camcorders
logo
List of Unclassifed Man...
BH7870AKV ETC-BH7870AKV Datasheet
96Kb / 2P
   STEREO ZOOM MICROPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AKD4671-B AKM-AKD4671-B Datasheet
1Mb / 51P
   stereo CODEC with built-in Microphone-Amplifier
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Fairchild Semiconductor
FAN3800 FAIRCHILD-FAN3800 Datasheet
289Kb / 9P
   Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Unisonic Technologies
ULV7084 UTC-ULV7084 Datasheet
198Kb / 7P
   PRE-AMPLIFIER FOR MEMS MICROPHONE
logo
New Japan Radio
NJU72084 NJRC-NJU72084 Datasheet
333Kb / 7P
   Pre-Amplifier for MEMS Microphone
logo
Sanyo Semicon Device
LA7293M SANYO-LA7293M Datasheet
55Kb / 2P
   Microphone Amplifier for Video Cameras
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
   MICROPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com