Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA8206 Datasheet(PDF) 1 Page - Rohm

No. de pieza BA8206
Descripción Electrónicos  Tone ringer IC for telephone set
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA8206 Datasheet(HTML) 1 Page - Rohm

  BA8206 Datasheet HTML 1Page - Rohm BA8206 Datasheet HTML 2Page - Rohm BA8206 Datasheet HTML 3Page - Rohm BA8206 Datasheet HTML 4Page - Rohm BA8206 Datasheet HTML 5Page - Rohm BA8206 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
252
Communication ICs
Tone ringer IC for telephone set
BA8206 / BA8206F
The BA8206 and BA8206F are tone ringer ICs which produce a bell sound from a ringing signal. The frequency of the
bell sound can be varied by changing the constants of the external resistance and capacitors.
The operation initiation current dissipation can be changed at the RSL pin.
Also, the output load can be selected, as a piezoelectric buzzer, a transformer coupled speaker, or other similar devices.
FApplications
Telephones, multi-function telephones, telephone answering machines, facsimiles, equipment involving telephones
FFeatures
1) Low current dissipation.
2) Withstands up to 40V.
3) Operation initiation current dissipation can be
changed using RSL pin.
4) Pin layout is compatible with the BA8205, BA6565A,
and ML8205.
FBlock diagram


Número de pieza similar - BA8206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BA8206 ETC1-BA8206 Datasheet
124Kb / 4P
   New Application of Rem ote Fan Controller BA8206 BA4
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
   Remote Control Fan Controller
BA8206BA4 ETC1-BA8206BA4 Datasheet
124Kb / 4P
   New Application of Rem ote Fan Controller BA8206 BA4
BA8206BA4K ETC1-BA8206BA4K Datasheet
124Kb / 4P
   New Application of Rem ote Fan Controller BA8206 BA4
More results

Descripción similar - BA8206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA8204 ROHM-BA8204 Datasheet
117Kb / 6P
   Tone ringer IC for telephone set
logo
List of Unclassifed Man...
PJ31002 ETC1-PJ31002 Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com