Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4030BF Datasheet(PDF) 1 Page - Rohm

No. de pieza BU4030BF
Descripción Electrónicos  Quad exclusive OR gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4030BF Datasheet(HTML) 1 Page - Rohm

  BU4030BF Datasheet HTML 1Page - Rohm BU4030BF Datasheet HTML 2Page - Rohm BU4030BF Datasheet HTML 3Page - Rohm BU4030BF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Standard ICs
Quad exclusive OR gate
BU4030B / BU4030BF
BU4070B / BU4070BF
The BU4030B / F and BU4070B / F are exclusive OR gates.
Four circuits are contained on a single chip. An inverter-based buffer is added to the gate output for an enhanced I / O
voltage characteristic, and the load capacitance has been increased to minimize fluctuation in the propagation time.
In addition, these products feature low power consumption and a high noise margin.
These can also be used in digital comparators and parity circuit applications.
Truth table
Absolute maximum ratings (VSS = 0V, Ta = 25°C)
INPUT
OUTPUT
AB
LL
L
LH
H
HL
H
HH
L
Block diagram
A1
1
B1
2
O1
3
O2
4
B2
5
A2
6
VSS
7
11
14 VDD
13 A4
12 B4
O4
10 O3
9
B3
8
A3
Parameter
Symbol
Limits
Unit
Power supply voltage
VDD
V
Power dissipation
mW
Operating temperature
– 40 ~ + 85
°C
Storage temperature
– 55 ~ + 150
°C
Input voltage
VIN
V
– 0.3 ~ + 18
– 0.3 ~ VDD + 0.3
1000 (DIP), 450 (SOP)
Pd
Topr
Tstg
Features
1) Low power dissipation.
2) Wide range of operating power supply voltages.
3) High input impedance.
4) High fan-out.
5) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.


Número de pieza similar - BU4030BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4030BF ROHM-BU4030BF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4030BF-E2 ROHM-BU4030BF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4030BF-E2 ROHM-BU4030BF-E2 Datasheet
585Kb / 16P
   Quad 2-Input Exclusive-OR Gate
BU4030BFE2 ROHM-BU4030BFE2 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4030BFV ROHM-BU4030BFV Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

Descripción similar - BU4030BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com