Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU8241F Datasheet(PDF) 8 Page - Rohm

No. de pieza BU8241F
Descripción Electrónicos  Cross point mixer for telephones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU8241F Datasheet(HTML) 8 Page - Rohm

Back Button BU8241F Datasheet HTML 3Page - Rohm BU8241F Datasheet HTML 4Page - Rohm BU8241F Datasheet HTML 5Page - Rohm BU8241F Datasheet HTML 6Page - Rohm BU8241F Datasheet HTML 7Page - Rohm BU8241F Datasheet HTML 8Page - Rohm BU8241F Datasheet HTML 9Page - Rohm BU8241F Datasheet HTML 10Page - Rohm BU8241F Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
273
Communication ICs
BU8241F / BU8241FS / BU8242F / BU8244F
FSelecting attached components
1) Components related to power supply and bias
C602: VDD bias capacitor; normally 10
µF
C603: VB decoupling capacitor; normally 10
µF
2) Components related to input pins
C605 to C612: DC cutoff capacitor. A value should be
selected which does not attenuate voice
signals in the high band (300 Hz
X).
R605 to R612: Resistor which sets the input level. This
should normally be left open.
The constants shown in Figure 8 are set
to match the oscillator output imped-
ance.
3) Components related to output pins
C613 to C620: DC cutoff capacitor. A value should be
selected which does not attenuate voice
signals in the high band (300 Hz
X).
R613 to R620: Output load resistors. This should nor-
mally be left open.
If using R615 to R620, select values that
result in a total input impedance of 10k
or greater on the output side. If the total
impedance is less than 10k
Ω, the load
on the output amplifier of the cross-point
mixer will be excessive, and signals
may be lost.


Número de pieza similar - BU8241F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU8254GUW ROHM-BU8254GUW Datasheet
450Kb / 21P
   35bit LVDS Transmitter
BU8254KVT ROHM-BU8254KVT Datasheet
944Kb / 20P
   35bit LVDS Transmitter 35:5 Serializer
BU8254KVT ROHM-BU8254KVT Datasheet
456Kb / 21P
   35bit LVDS Transmitter
BU8254KVT ROHM-BU8254KVT_13 Datasheet
456Kb / 21P
   35bit LVDS Transmitter
BU8255KVT ROHM-BU8255KVT Datasheet
848Kb / 17P
   35bit LVDS Receiver 5:35 DeSerializer
More results

Descripción similar - BU8241F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPC8002 NEC-UPC8002 Datasheet
211Kb / 32P
   SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
logo
Mitsubishi Electric Sem...
M5172L MITSUBISHI-M5172L Datasheet
352Kb / 2P
   ZERO-CROSS POINT SWITCH
logo
Rohm
BU8872 ROHM-BU8872 Datasheet
169Kb / 10P
   DTMF receiver for telephones
BU8874 ROHM-BU8874 Datasheet
180Kb / 10P
   DTMF receiver for telephones
BA8201 ROHM-BA8201 Datasheet
112Kb / 8P
   Pseudo inductance for telephones
logo
Panasonic Semiconductor
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
   Speech Network IC Incorporating Cross-Point Switch
logo
Rohm
BA6569AS ROHM-BA6569AS Datasheet
255Kb / 12P
   Speech network for telephones
BU8871F ROHM-BU8871F Datasheet
218Kb / 12P
   DTMF receiver for telephones
logo
New Jersey Semi-Conduct...
1N53A NJSEMI-1N53A Datasheet
47Kb / 1P
   POINT CONTACT COAXIAL MIXER DIODE
logo
List of Unclassifed Man...
1N25AR ETC1-1N25AR Datasheet
350Kb / 8P
   SILICON POINT CONTACT MIXER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com